Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2846A-PPYMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2846A-PPYMT
Description  High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2846A-PPYMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2846A-PPYMT Datasheet HTML 1Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2846A-PPYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC2846A
High Efficiency 6 Channel Linear WLED
Driver with DAM™, Digital Control and Dual
Low IQ LDOs
DAM, Dynamic Average Matching is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademark Amkor Technology Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2010
M9999-041210-D
General Description
The MIC2846A is a high efficiency White LED (WLED)
driver featuring two low quiescent current LDOs. It is
designed to drive up to six LEDs and greatly extend
battery life for portable display backlighting and keypad
backlighting in mobile devices. The MIC2846A architecture
provides the highest possible efficiency by eliminating
switching losses present in traditional charge pumps or
inductive boost circuits. With a typical dropout of 40mV at
20mA, the MIC2846A allows the LEDs to be driven directly
from the battery eliminating switching noise and losses
present with the use of boost circuitry.
The MIC2846A features Dynamic Averaged Matching™
(DAM™) which is specifically designed to get the optimum
matching despite process variations. This ensures a
typical matching of ±1.5% between all six LED channels.
The LED brightness is preset by an external resistor and
can be dimmed using a single-wire digital control. The
digital interface takes commands from digital programming
pulses to change the brightness in a logarithmic scale
similar to the eye’s perception of brightness. The single-
wire digital brightness control is divided into two modes of
operation; full brightness mode or battery saving mode for
a total of 49 brightness steps.
The MIC2846A also features two independently enabled
low quiescent current LDOs. Each LDO offers ±3%
accuracy over temperature, low dropout voltage (150mV
@ 150mA), and low ground current under all load
conditions (typically 35µA). Both LDOs can be turned off to
draw virtually no current.
The MIC2846A is available in the 2.5mm x 2.5mm 14-pin
Thin MLF
® leadless package with a junction temperature
range of -40
°C to +125°C
Datasheet and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
WLED Driver
• High Efficiency (no Voltage Boost losses)
• Dynamic Average Matching™ (DAM™)
• Single wire digital control
• Input voltage range: 3.0V to 5.5V
• Dropout of 40mV at 20mA
• Matching better than ±1.5% (typical)
• Current accuracy better than ±1.5% (typical)
• Maintains proper regulation regardless of how many
channels are utilized
LDOs
• Very low ground current – Typical 35µA
• Stable with 1µF ceramic output capacitor
• Dropout at 150mV at 150mA
• Thermal shutdown and current limit protection
• Available in a 2.5mm x 2.5mm 14-pin Thin MLF®
package
Applications
• Mobile handsets
• LCD Handset backlighting
• Handset keypad backlighting
• Digital cameras
• Portable media/MP3 players
• Portable navigation devices (GPS)
• Portable applications


Similar Part No. - MIC2846A-PPYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2846-MFYMT MICREL-MIC2846-MFYMT Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
MIC2846-MGYMT MICREL-MIC2846-MGYMT Datasheet
1Mb / 21P
   6 Channel High Side Current Source WLED driver
More results

Similar Description - MIC2846A-PPYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
MIC2844A MICREL-MIC2844A Datasheet
884Kb / 14P
   High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
   High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
   High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com