Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

947-292ZL22-55PZ Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 947-292ZL22-55PZ
Description  Bayonet Coupling Jam Nut Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-292ZL22-55PZ Datasheet(HTML) 2 Page - Glenair, Inc.

  947-292ZL22-55PZ Datasheet HTML 1Page - Glenair, Inc. 947-292ZL22-55PZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-33
D
947-292
MIL-DTL-26482 Series II Type Hermetic
Bayonet Coupling Jam Nut Mount
Pin-Socket Bulkhead Feedthrough Receptacle
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A Thread
Class 2A
B Dia
Max
C
Hex
D
Flats
E Dia
+.010 -.005
(+0.3 -0.1)
F Dim
+.010 -.005
(+0.3 -0.1)
G
Max
H Dia
± .016 (0.4)
8
9/16-24 UNEF
.474 (12.0)
.750 (19.1)
.954 (24.2)
.572 (14.5)
.536 (13.6)
1.420 (36.1)
1.062 (27.0)
10
11/16-24 UNEF
.591 (15.0)
.875 (22.2)
1.078 (27.4)
.697 (17.7)
.661 (16.8)
1.420 (36.1)
1.187 (30.1)
12
7/8-20 UNEF
.751 (19.1)
1.062 (27.0)
1.266 (32.2)
.895 (22.7)
.824 (20.9)
1.420 (36.1)
1.375 (34.9)
14
1-20 UNEF
.876 (22.3)
1.188 (30.2)
1.391 (35.3)
1.010 (25.7)
.948 (24.1)
1.420 (36.1)
1.500 (38.1)
16
1 1/8-18 UNEF
1.001 (25.4)
1.312 (33.3)
1.516 (38.5)
1.135 (28.8) 1.072 (27.2)
1.420 (36.1)
1.625 (41.3)
18
1 1/4-18 UNEF
1.126 (28.6)
1.438 (37.0)
1.641 (41.7)
1.260 (32.0) 1.197 (30.4)
1.420 (36.1)
1.750 (44.5)
20
1 3/8-18 UNEF
1.251 (31.8)
1.562 (39.7)
1.828 (46.4)
1.385 (35.2) 1.322 (33.6)
1.580 (40.1)
1.938 (49.2)
22
1 1/2-18 UNEF
1.376 (35.0)
1.688 (42.9)
1.954 (49.6)
1.510 (13.0) 1.447 (36.8)
1.580 (40.1)
2.062 (52.4)
24
1 5/8-18 UNEF
1.501 (38.1)
1.812 (46.0)
2.087 (53.0)
1.635 (41.5) 1.572 (39.9)
1.620 (41.1)
2.187 (55.5)
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Hermeticity: <1x10
2.
-7
cc/sec @ 1 ATM differential
Material/Finish:
3.
Shell and jam-nut: Z1 - CRES/nickel plated.
Titanium and Inconel® available. Consult factory.
Contacts - Alloy 52/gold plate.
Bayonets - CRES/passivated.
Insulator - Vitreous glass seal
Seals - Fluorosilicone/N.A.
Spacer - High grade rigid dielectric/N.A.
Metric Dimensions (mm) are indicated in parentheses.
4.
E
F
Panel Cut Out
Ø E
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 947-292ZL22-55PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
More results

Similar Description - 947-292ZL22-55PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
257-135 GLENAIR-257-135 Datasheet
277Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
449Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
464Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com