Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4801 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4801
Description  High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4801 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4801 Datasheet HTML 3Page - Micrel Semiconductor MIC4801 Datasheet HTML 4Page - Micrel Semiconductor MIC4801 Datasheet HTML 5Page - Micrel Semiconductor MIC4801 Datasheet HTML 6Page - Micrel Semiconductor MIC4801 Datasheet HTML 7Page - Micrel Semiconductor MIC4801 Datasheet HTML 8Page - Micrel Semiconductor MIC4801 Datasheet HTML 9Page - Micrel Semiconductor MIC4801 Datasheet HTML 10Page - Micrel Semiconductor MIC4801 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel Inc.
MIC4801
January 2011
7
M9999-011811-A
VIN
The input supply (VIN) provides power to the linear LED
drivers and the control circuitry. The VIN operating range
is 3V to 5.5V. A minimum bypass capacitor of 2.2µF
should be placed close to the input (VIN) pin and the
ground (GND) pin. Refer to the layout recommendations
section for details on placing the input capacitor (C1).
EN
The EN pin is equivalent to the enable pin for the linear
drivers on the MIC4801. It can also be used for dimming
by applying a PWM signal. See the PWM Dimming
Interface in the Application Information section for
details. Pulling the EN low for more than 40ms puts the
MIC4801 into a low IQ sleep mode. The EN pin cannot be
left floating; a floating enable pin may cause an
indeterminate state on the outputs. The first pulse on the EN
pin must be equal or greater than 60µs to wake the part up
in a known state. This equates to a 8.3kHz PWM signal at
equal or greater than 50% duty cycle. Higher PWM
frequencies may be used but the first pulse must be equal or
greater than 60µs.
RSET
The RSET pin is used to set the peak current of the linear
driver by connecting a RSET resistor to ground. The
theoretical average LED current can be estimated by
equation (1):
ILED (mA) = 4920 * D / RSET (kΩ)
(1)
RSET (kΩ) = 4920 * D / ILED (mA)
(2)
D is the duty cycle of the LED current during PWM
dimming. When the device is fully ON the duty cycle
equals 100% (D = 1). A plot of ILED versus RSET is shown
in Figure 2.
Due to DC losses across current paths internal and
external to the package, the calculated RSET resistance
equation is modified by a factor K, where K is calculated
to be 0.140kΩ.
RSET (kΩ) = 4920 * D / ILED (mA) + 0.140 (kΩ)
(3)
ILED (mA) = 4920 * D / ((RSET (kΩ) – 0.140 (kΩ))
(4)
The modified LED current equation is more accurate in
determining the actual LED current based on the RSET
resistor value.
Peak LED Current
vs. RSET
1
10
100
1000
1
10
100
1000
10000
RSET (kΩ)
Figure 2. Peak LED Current vs. RSET
D1
The D1 pins are the linear driver inputs for the LED.
Connect the anode of the LED to VIN and the cathode to
the D1 pins. All the D1 pins must be connected together.
The D1 voltage at dropout is the minimum voltage
required by the linear driver in order for the LED to be
fully biased.
GND
The ground pin is the ground path for the linear driver.
The ground of the input capacitor should be routed with
low impedance traces to the GND pin and made as short
as possible. Refer to the layout recommendations for
more details.


Similar Part No. - MIC4801

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802YME MICREL-MIC4802YME Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4807 MICREL-MIC4807 Datasheet
103Kb / 8P
   80V 8-Channel Addressable Low-Side Driver
MIC4807BN MICREL-MIC4807BN Datasheet
103Kb / 8P
   80V 8-Channel Addressable Low-Side Driver
More results

Similar Description - MIC4801

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
   High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com