Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7J641882M Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7J641882M
Description  2Mx36 & 4Mx18 DDR II SIO b2 SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7J641882M Datasheet(HTML) 4 Page - Samsung semiconductor

  K7J641882M Datasheet HTML 1Page - Samsung semiconductor K7J641882M Datasheet HTML 2Page - Samsung semiconductor K7J641882M Datasheet HTML 3Page - Samsung semiconductor K7J641882M Datasheet HTML 4Page - Samsung semiconductor K7J641882M Datasheet HTML 5Page - Samsung semiconductor K7J641882M Datasheet HTML 6Page - Samsung semiconductor K7J641882M Datasheet HTML 7Page - Samsung semiconductor K7J641882M Datasheet HTML 8Page - Samsung semiconductor K7J641882M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7J643682M
K7J641882M
- 4 -
Rev. 1.3 March 2007
PIN CONFIGURATIONS(TOP VIEW) K7J643682M(2Mx36)
Notes : 1. * Checked No Connect(NC) pins are reserved for higher density address, i.e. 10A for 144Mb and 2A for 288Mb.
2. BW0 controls write to D0:D8, BW1 controls write to D9:D17, BW2 controls write to D18:D26 and BW3 controls write to D27:D35.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA*
SA
R/W
BW2
K
BW1
LD
SA
NC/SA*
CQ
B
Q27
Q18
D18
SA
BW3
KBW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
SA
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clock for Output Data
1
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable when low
SA
3A,9A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-35
10P,11N,11M,10K,11J,11G,10E,11D,11C,10N,9M,9L
9J,10G,9F,10D,9C,9B,3B,3C,2D,3F,2G,3J,3L,3M,2N
1C,1D,2E,1G,1J,2K,1M,1N,2P
Data Inputs
Q0-35
11P,10M,11L,11K,10J,11F,11E,10C,11B,9P,9N,10L
9K,9G,10F,9E,9D,10B,2B,3D,3E,2F,3G,3K,2L,3N
3P,1B,2C,1E,1F,2J,1K,1L,2M,1P
Data Outputs
R/W
4A
Read, Write Control Pin, Read active
when high
LD
8A
Synchronous Load Pin, bus Cycle
sequence is to be defined when low
BW0, BW1,BW2, BW3
7B,7A,5A,5B
Block Write Control Pin,active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply ( 1.8 V )
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply ( 1.5V or 1.8V )
VSS
10A,4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M,
8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
2A,10A
No Connect
3


Similar Part No. - K7J641882M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J641882M SAMSUNG-K7J641882M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7J641882M-FC16 SAMSUNG-K7J641882M-FC16 Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7J641882M-FC20 SAMSUNG-K7J641882M-FC20 Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7J641882M-FC25 SAMSUNG-K7J641882M-FC25 Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7J641882M-FC30 SAMSUNG-K7J641882M-FC30 Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
More results

Similar Description - K7J641882M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R643682M SAMSUNG-K7R643682M_07 Datasheet
461Kb / 20P
   2Mx36 & 4Mx18 & 8Mx9 QDR II b2 SRAM
K7R643682M SAMSUNG-K7R643682M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7J163682B SAMSUNG-K7J163682B Datasheet
411Kb / 18P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7J161882B SAMSUNG-K7J161882B Datasheet
374Kb / 17P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
logo
Integrated Silicon Solu...
IS61DDPB24M18A ISSI-IS61DDPB24M18A Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com