Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS355TE-17 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 1SS355TE-17
Description  Sample Program (Remote Control Transmission/Reception)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS355TE-17 Datasheet(HTML) 2 Page - Renesas Technology Corp

  1SS355TE-17 Datasheet HTML 1Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 2Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 3Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 4Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 5Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 6Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 7Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 8Page - Renesas Technology Corp 1SS355TE-17 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 2 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
3.
Port Arrangement
The key matrix, infrared-ray transmitter/receiver and the buzzer are the facilities mounted on an extension board for the Renesas Starter
Kit. To use these facilities, connect an extension board to the Starter Kit.
4.
Remote Control Specification
4.1 Remote Control Format
R C
-
V
-
-
I R -
T R A N S
-
10MHz
LCD
P74
Xin
P60
P61
P62
P63
P90
P91
LCD E
LCD R
LCD D7
LCD D6
LCD D5
LCD D4
M30260F8AGP
P75
P76
P77
keymatrix
P104
P105
P106
P107
P82/INT0
P80/TA4OUT
10ms
10ms
100ms
Data section
1ms
1ms
1ms
3ms
Data “0”
Data “1”
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Leader section
Data section
Per-bit waveform
Remote control data
Inverted remote control data


Similar Part No. - 1SS355TE-17

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355TE-17 ROHM-1SS355TE-17 Datasheet
140Kb / 4P
   Switching Diode
More results

Similar Description - 1SS355TE-17

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Renesas Technology Corp
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
   Sample Program (Voltmeter)
logo
NEC
UPD6121 NEC-UPD6121 Datasheet
170Kb / 28P
   REMOTE CONTROL TRANSMISSION CMOS IC
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
   Sample Program: Musical Scales
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Renesas Technology Corp
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
   Sample Program (Lux Meter)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
   Sample Program (Musical Scale)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com