Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR10EZHF470 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MCR10EZHF470
Description  Sample Program (Remote Control Transmission/Reception)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MCR10EZHF470 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MCR10EZHF470 Datasheet HTML 1Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 2Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 3Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 4Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 5Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 6Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 7Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 8Page - Renesas Technology Corp MCR10EZHF470 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 3 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
4.2 Determination of the Leader and Data Sections
When the received waveform falls within one of the ranges shown below, it is determined to be a leader or a data section.
Leader section
Data section
4.3 Carrier Frequency
38.46kHz
Leader low-level
duration (10 ms)
8ms - 12ms
Leader pulse width (20 ms)
18ms - 22ms
Data “0”
(2ms)
1.0ms - 3.0ms
Data “1”
(4ms)
3.0ms - 5.0ms
13us
13us
26us


Similar Part No. - MCR10EZHF470

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10EZHF1002 ROHM-MCR10EZHF1002 Datasheet
102Kb / 5P
   Thick film rectangular
logo
Renesas Technology Corp
MCR10EZHF103 RENESAS-MCR10EZHF103 Datasheet
601Kb / 17P
   Sample Program (Terminal Software)
logo
Texas Instruments
MCR10EZHF1104 TI1-MCR10EZHF1104 Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
MCR10EZHF1244 TI1-MCR10EZHF1244 Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Rohm
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
More results

Similar Description - MCR10EZHF470

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Renesas Technology Corp
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
   Sample Program (Voltmeter)
logo
NEC
UPD6121 NEC-UPD6121 Datasheet
170Kb / 28P
   REMOTE CONTROL TRANSMISSION CMOS IC
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
   Sample Program: Musical Scales
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Renesas Technology Corp
M16C26A-LM RENESAS-M16C26A-LM Datasheet
568Kb / 16P
   Sample Program (Lux Meter)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
   Sample Program (Musical Scale)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com