Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7K3236U2C Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K7K3236U2C
Description  1Mx36 & 2Mx18 DDRII CIO b2 SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7K3236U2C Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K7K3236U2C Datasheet HTML 3Page - Samsung semiconductor K7K3236U2C Datasheet HTML 4Page - Samsung semiconductor K7K3236U2C Datasheet HTML 5Page - Samsung semiconductor K7K3236U2C Datasheet HTML 6Page - Samsung semiconductor K7K3236U2C Datasheet HTML 7Page - Samsung semiconductor K7K3236U2C Datasheet HTML 8Page - Samsung semiconductor K7K3236U2C Datasheet HTML 9Page - Samsung semiconductor K7K3236U2C Datasheet HTML 10Page - Samsung semiconductor K7K3236U2C Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1Mx36 & 2Mx18 DDRII+ CIO b2 SRAM
K7K3236U2C
K7K3218U2C
- 7 -
Rev. 1.0 August 2008
Programmable Impedance Output Buffer Operation
Depth Expansion
The designer can program the SRAM's output buffer impedance by terminating the ZQ pin to VSS through a precision resistor(RQ).
The allowable range of RQ is between 175
and 350. The value of RQ (within 15%) is five times the output impedance desired. For
example, 250
resistor will give an output impedance of 50.
Impedance updates occur early in cycles that do not activate the outputs, such as deselect cycles. In all cases impedance updates
are transparent to the user and do not produce access time "push-outs" or other anomalous behavior in the SRAM. To guarantee
optimum output driver impedance after power up, the SRAM needs 1024 non-read cycles.
Each port can be selected and deselected independently with R/W be shared among all SRAMs and provide a new LD signal for
each bank. Before chip deselected, all read and write pending operations are completed.
Echo clock operation
To assure the output tracibility, the SRAM provides the output Echo clock, pair of compliment clock CQ and CQ, which are synchro-
nized with internal data output. Echo clocks run free during normal operation.
The Echo clock is triggered by internal output clock signal, and transfered to external through same structures as output driver.
The following power-up supply voltage application is recommended: VSS, VDD, VDDQ, VREF, then VIN. VDD and VDDQ can be applied
simultaneously, as long as VDDQ does not exceed VDD by more than 0.5V during power-up. The following power-down supply voltage
removal sequence is recommended: VIN, VREF, VDDQ, VDD, VSS. VDD and VDDQ can be removed simultaneously, as long as VDDQ
does not exceed VDD by more than 0.5V during power-down.
Power-Up/Power-Down Supply Voltage Sequencing
Output Valid Pin (QVLD)
The Q Valid indicates valid output data. QVLD is activated half cycle before the read data for the receiver to be ready for capturing
the data. QVLD is edge aligned with CQ and CQ.


Similar Part No. - K7K3236U2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results

Similar Description - K7K3236U2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323682C SAMSUNG-K7I323682C Datasheet
418Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com