Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M16C29 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M16C29
Description  Standard Characteristics
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C29 Datasheet(HTML) 1 Page - Renesas Technology Corp

  M16C29_07 Datasheet HTML 1Page - Renesas Technology Corp M16C29_07 Datasheet HTML 2Page - Renesas Technology Corp M16C29_07 Datasheet HTML 3Page - Renesas Technology Corp M16C29_07 Datasheet HTML 4Page - Renesas Technology Corp M16C29_07 Datasheet HTML 5Page - Renesas Technology Corp M16C29_07 Datasheet HTML 6Page - Renesas Technology Corp M16C29_07 Datasheet HTML 7Page - Renesas Technology Corp M16C29_07 Datasheet HTML 8Page - Renesas Technology Corp M16C29_07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
M16C/29 Group Standard Characteristics
M30290FxHP(x=A,C),M30291FxHP(x=A,C),
M30290FxTHP(x=A,C),M30291FxTHP(x=A,C),
M30290FxVHP(x=A,C),M30291FxVHP(x=A,C)
Standard Characteristics Example
Standard characteristics described below are just examples of the M16C/29 group(M16C/29,M16C/29T,M16C/29V) characteristics and are not guaranteed.
For rated values, refer to "M16C/29 Group Hardware manual".
(1) Power Supply Current Standard Characteristics Example (Vcc-Icc)
f(Xin)=20MHz (Pluse generator, Ta = 25°C, output transistor is in the cut-off state.*)
Clock source
f(Xin) = Pulse Generator
Square wave
Xout:Open
Division setting
Main
Timer
Serial
AD con
Clock
A, B
Timer S
I/O
MMIIC
-version
1/1
f1
f1
f1sio
(fiic/2)/31 fad/ 1
1/2
f2
f2
f2sio (fiic/2)/31 fad/ 2
1/4
f8
f2/4
f8sio (fiic/4)/31 fad/12
1/8
f8
f2/16 f8sio (fiic/8)/31 fad/12
1/16
f32
f2/16 f32sio (fiic/8)/31 fad/12
* Timer pulse and serial data is output
* SDAMM & SCLMM are pull-up.
Fig. 1. Vcc-Icc(at Nomal Operation Mode)
No division operation(Pluse generator, Ta = 25 °C, output transistor is in the cut-off state.*)
Clock source
f(Xin) = Pulse Generator
Square wave
Xout:Open
Division setting
Main
Timer
Serial
AD con
Clock
A, B
Timer S
I/O
MMIIC
-version
1/1
f1
f1
f1sio
(fiic/2)/31 fad/ 1
* Timer pulse and serial data is output
* SDAMM & SCLMM are pull-up.
Fig. 2. Vcc-Icc(at Nomal Operation Mode)
At WIT instruction executed (Pluse generator, Ta = 25 °C, output transistor is in the cut-off state.)
Clock source
f(Xin) = Pulse Generator
Square wave
Xout:Open
Stop peripheral function clock.
Xin-Xout drive capacity : High
Fig. 3. Vcc-Icc (at WIT instruction executed)
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
A/D conversion not executed
Power Source Voltage Vcc [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
No Division
Division by 2
Division by 4
Division by 8
Division by 16
f(Xin)=16MHz
f(Xin)=8MHz
f(Xin)=4MHz
f(Xin)=20MHz
f(Xin)=16MHz
f(Xin)=8MHz
f(Xin)=4MHz
f(Xin)=20MHz
REJ99B1342-0100
©2007. Renesas Technology Corp., All rights reserved.
2007.06
Page 1 of 17


Similar Part No. - M16C29_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C29 RENESAS-M16C29 Datasheet
3Mb / 499P
   RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
More results

Similar Description - M16C29_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
   Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
   Standard Characteristics
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
   Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com