Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94095YC6 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC94095YC6
Description  High Side Load Switches for Consumer Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94095YC6 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC94095YC6 Datasheet HTML 1Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 2Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 3Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 4Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 5Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 6Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 7Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 8Page - Micrel Semiconductor MIC94095YC6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC94090/1/2/3/4/5
High Side Load Switches for
Consumer Applications
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2009
M9999-033109-A
General Description
The MIC94090/1/2/3/4/5 is a family of high-side load switches
designed for operation from 1.7V to 5.5V input voltage. The
load switch pass element is an internal 130m
Ω R
DS(ON) P-
channel MOSFET which enables the device to support up to
1.2A continuous current. Additionally, the load switch
supports 1.5V logic level control and shutdown features.
The MIC94090 and MIC94091 feature rapid turn on. The
MIC94092 and MIC94093 provide a slew rate controlled soft-
start turn-on of 790µs, while the MIC94094 and MIC94095
provide a slew rate controlled soft-start turn-on of 120µs. The
soft-start feature option prevents an in-rush current event
from pulling down the input supply voltage.
The MIC94091, MIC94093, and MIC94095 include a 250
auto discharge load circuit that is switched on when the load
switch is disabled.
An active pull-down on the enable input keeps the
MIC94090/1/2/3/4/5 in a default OFF state until the enable pin
is pulled above 1.25V. Internal level shift circuitry allows low
voltage logic signals to switch higher supply voltages. The
enable voltage can be as high as 5.5V and is not limited by
the input voltage.
The MIC94090/1/2/3/4/5 operating voltage range makes
them ideal for Lithium ion and NiMH/NiCad/Alkaline battery
powered
systems,
as
well
as
non-battery
powered
applications. The devices provide low quiescent current and
low shutdown current to maximize battery life.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 1.7V to 5.5V input voltage range
• 1.2A continuous operating current
• 130mΩ R
DS(ON)
• Internal level shift for CMOS/TTL control logic
• Ultra low quiescent current
• Micro-power shutdown current
• Rapid turn-on: MIC94090/1
• Soft-Start: MIC94092/3 (790µs), MIC94094/5 (120µs)
• Load discharge circuit: MIC94091/3/5
• Space saving and thermally capable 1.2mm x 1.2mm
Thin MLF
® package
• Industry standard SC-70-6 package
Applications
• Cellular phones
• Portable Navigation Devices (PND)
• GPS modules
• Personal Media Players (PMP)
• Ultra Mobile PCs
• Other Portable applications
• PDAs
• Portable instrumentation
• Industrial and DataComm equipment
_________________________________________________________________________________________________________
Typical Application
MIC94090 (ultra fast turn on)
MIC94092 (790µs soft-start)
MIC94094 (120µs soft-start)
MIC94091 (ultra fast turn on with auto-discharge)
MIC94093 (790µs soft-start with auto-discharge)
MIC94095 (120µs soft-start with auto-discharge)


Similar Part No. - MIC94095YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94095YC6 MICREL-MIC94095YC6 Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
More results

Similar Description - MIC94095YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040_09 Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Infineon Technologies A...
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Anpec Electronics Corop...
APL3580 ANPEC-APL3580 Datasheet
223Kb / 14P
   33mW 3A High Side Load Switches
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com