Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7M161835B-PI65 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7M161835B-PI65
Description  512Kx36 & 1Mx18 Flow-Through NtRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7M161835B-PI65 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7M161835B-PI65 Datasheet HTML 6Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 7Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 8Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 9Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 10Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 11Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 12Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 13Page - Samsung semiconductor K7M161835B-PI65 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 10 -
K7M161835B
K7M163635B
Rev. 3.0 April 2006
ASYNCHRONOUS TRUTH TABLE
Operation
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
LL
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes
1. X means "Don
t Care".
2. Sleep Mode means power Sleep Mode of which stand-by current does
not depend on cycle time.
3. Deselected means power Sleep Mode of which stand-by current
depends on cycle time.
ABSOLUTE MAXIMUM RATINGS*
*Notes : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on Any Other Pin Relative to VSS
VIN
-0.3 to VDD+0.3
V
Power Dissipation
PD
1.6
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TOPR
0 to 70
°C
Industrial
TOPR
-40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
CAPACITANCE*(TA=25°C, f=1MHz)
*Note : Sampled not 100% tested.
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
6
pF
OPERATING CONDITIONS (0°C ≤ TA ≤ 70°C)
Notes: 1. The above parameters are also guaranteed at industrial temperature range.
2. It should be VDDQ
≤ VDD
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD1
2.375
2.5
2.625
V
VDDQ1
2.375
2.5
2.625
V
VDD2
3.135
3.3
3.465
V
VDDQ2
3.135
3.3
3.465
V
Ground
VSS
00
0
V
VDDQ
VIL
VDDQ+1.0V
20% tCYC(MIN)
VSS
VIH
VSS-1.0V
20% tCYC(MIN)
Undershoot Timing
Overshoot Timing
VDDQ+0.5V
VSS-0.5V


Similar Part No. - K7M161835B-PI65

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M161835B-QC65 SAMSUNG-K7M161835B-QC65 Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M161835B-QCI65 SAMSUNG-K7M161835B-QCI65 Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
More results

Similar Description - K7M161835B-PI65

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163625A SAMSUNG-K7M163625A Datasheet
211Kb / 18P
   512Kx36 & 1Mx18-Bit Flow Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com