Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94081 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC94081
Description  67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94081 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC94081 Datasheet HTML 7Page - Micrel Semiconductor MIC94081 Datasheet HTML 8Page - Micrel Semiconductor MIC94081 Datasheet HTML 9Page - Micrel Semiconductor MIC94081 Datasheet HTML 10Page - Micrel Semiconductor MIC94081 Datasheet HTML 11Page - Micrel Semiconductor MIC94081 Datasheet HTML 12Page - Micrel Semiconductor MIC94081 Datasheet HTML 13Page - Micrel Semiconductor MIC94081 Datasheet HTML 14Page - Micrel Semiconductor MIC94081 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC94080/1/2/3/4/5
January 2011
11
M9999-013111-D
MIC94084


Similar Part No. - MIC94081

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94001 MICREL-MIC94001 Datasheet
30Kb / 2P
   P-Channel MOSFET
MIC94001BLM MICREL-MIC94001BLM Datasheet
30Kb / 2P
   P-Channel MOSFET
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC94002BLM MICREL-MIC94002BLM Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
More results

Similar Description - MIC94081

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
logo
Monolithic Power System...
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
   5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
   5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
logo
Maxim Integrated Produc...
21-0576 MAXIM-21-0576 Datasheet
56Kb / 2P
   PACKAGE OUTLINE, 20L 4*4*0.85MM QFN PKG, WITH DIMPLE LEADS
REV .A
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
CRYSTEK CORPORATION
CS-FFB-MSR CRYSTEKMICROWAVE-CS-FFB-MSR Datasheet
92Kb / 2P
   2.9mm Jack to 0.85mm Semi Rigid, Bulkhead
logo
Richtek Technology Corp...
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
   100m廓, 2A Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205 Datasheet
201Kb / 5P
   100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com