Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28208 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28208
Description  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28208 Datasheet HTML 1Page - Intersil Corporation ISL28208 Datasheet HTML 2Page - Intersil Corporation ISL28208 Datasheet HTML 3Page - Intersil Corporation ISL28208 Datasheet HTML 4Page - Intersil Corporation ISL28208 Datasheet HTML 5Page - Intersil Corporation ISL28208 Datasheet HTML 6Page - Intersil Corporation ISL28208 Datasheet HTML 7Page - Intersil Corporation ISL28208 Datasheet HTML 8Page - Intersil Corporation ISL28208 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
40V Precision Single Supply Rail-Rail Output Low
Power Operational Amplifiers
ISL28108, ISL28208
The ISL28108 and ISL28208 are single and dual low power
precision amplifiers optimized for single supply applications.
These devices feature a common mode input voltage range
extending to 0.5V below the V- rail, a rail-to-rail differential
input voltage range for use as a comparator, and rail to rail
output voltage swing, which make them ideal for single supply
applications where input operation at ground is important.
Added features include low offset voltage, and low
temperature drift making them the ideal choice for
applications requiring high DC accuracy. The output stage is
capable of driving large capacitive loads from rail to rail for
excellent ADC driving performance. The devices can operate
for single or dual supply from 3V (±1.5V) to 40V (±20V) and are
fully characterized at ±5V and ±15V. The combination of
precision, low power, and small footprint provides the user with
outstanding value and flexibility relative to similar competitive
parts.
Applications for these amplifiers include precision
instrumentation, data acquisition, precision power supply
control, and industrial control.
The ISL28108 single is offered in 8 Ld TDFN, SOIC and MSOP
packages. The ISL28208 dual amplifier is offered in 8 Ld
TDFN, MSOP, and SOIC packages. All devices are offered in
standard pin configurations and operate over the extended
temperature range to -40°C to +125°C.
Features
• Single or Dual Supply, Rail-to-Rail Output and Below Ground
(V-) input capability
• Rail-to-rail Input Differential Voltage Range for Comparator
Applications
• Single Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 40V
• Low Current Consumption (VS = ±5V) . . . . . . . . . . . . . . 165µA
• Low Noise Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 15.8nV/
√Hz
• Low Noise Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 80fA/
√Hz
• Low Input Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . 230µV
• Superb Temperature Drift
- Voltage Offset TC . . . . . . . . . . . . . . . . . . . . . . 0.1µV/°C, Typ
• Low Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . -13nA Typ
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• No Phase Reversal
Applications
• Precision Instruments
• Medical Instrumentation
• Data Acquisition
• Power Supply Control
• Industrial Process Control
IN-
IN+
RF
RREF+
ISL28108
+3V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE CURRENT SENSE AMPLIFIER
GAIN = 10
to 40V
FIGURE 1. TYPICAL APPLICATION CIRCUIT
FIGURE 2. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
-500
-400
-300
-200
-100
0
100
200
300
400
500
13
13.5
14
14.5
15
-16
-15.5
-15
-14.5 -14
+25°C
+125°C
VS = ±15V
-40°C
March 17, 2011
FN6935.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL28208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28208 INTERSIL-ISL28208 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208 INTERSIL-ISL28208 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28208 INTERSIL-ISL28208 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28208 RENESAS-ISL28208 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28208 INTERSIL-ISL28208 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
More results

Similar Description - ISL28208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com