Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28108FRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28108FRTZ
Description  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28108FRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28108FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 9Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 10Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 11Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 12Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 13Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL28108, ISL28208
10
FN6935.1
March 17, 2011
FIGURE 25. SHORT CIRCUIT CURRENT vs TEMPERATURE,
VS =±15V
FIGURE 26. SHORT CIRCUIT CURRENT vs TEMPERATURE, VS = ±5V
FIGURE 27. MAX OUTPUT VOLTAGE vs FREQUENCY
FIGURE 28. NO PHASE REVERSAL
FIGURE 29. AVOL vs TEMPERATURE
FIGURE 30. OPEN-LOOP GAIN, PHASE vs FREQUENCY, VS = ±15V
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
0
5
10
15
20
25
30
35
40
45
50
TEMPERATURE (°C)
-40
-20
0
204060
80
100
120
VS = ±15V
RL = 10k
ISC-SINK
ISC-SOURCE
0
5
10
15
20
25
30
35
40
45
50
VS = ±5V
RL = 10k
TEMPERATURE (°C)
-40
-20
0
204060
80
100
120
ISC-SINK
ISC-SOURCE
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
AV = 1
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
TIME (ms)
010
20
2468
12
14
16
18
VS = ±5V
VIN = ±5.9V
INPUT
OUTPUT
-60 -40 -20
0
20
40
60
80 100 120 140 160
TEMPERATURE (°C)
100
110
120
130
140
VS = ± 15V
VS = ±5V
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1k
10k 100k 1M 10M 100M 1G
FREQUENCY (Hz)
0.1
VS = ±15V
RL = 1MΩ
SIMULATION
GAIN
PHASE


Similar Part No. - ISL28108FRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28108FRTZ INTERSIL-ISL28108FRTZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108FRTZ INTERSIL-ISL28108FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28108FRTZ RENESAS-ISL28108FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Similar Description - ISL28108FRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com