Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV23000M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV23000M
Description  Single-Chip Tuner IC for Radio/Cassette Players
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV23000M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV23000M Datasheet HTML 1Page - Sanyo Semicon Device LV23000M Datasheet HTML 2Page - Sanyo Semicon Device LV23000M Datasheet HTML 3Page - Sanyo Semicon Device LV23000M Datasheet HTML 4Page - Sanyo Semicon Device LV23000M Datasheet HTML 5Page - Sanyo Semicon Device LV23000M Datasheet HTML 6Page - Sanyo Semicon Device LV23000M Datasheet HTML 7Page - Sanyo Semicon Device LV23000M Datasheet HTML 8Page - Sanyo Semicon Device LV23000M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
No. 6903-3/14
LV23000M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[FM Front End Characteristics] : fc = 98 MHz, fm = 1 kHz, 22.5 kHzdev.
3 dB sensitivity
3 dB LS
60 dBµV EMF, referenced to a 22.5 kHz dev. output,
12
dBµV
–3 dB input
EMF
Practical sensitivity
QS
For a 30 dB signal-to-noise ratio input
12
dBµV
EMF
[FM IF Monaural Characteristics] : fc = 10.7 MHz, fm = 1 kHz, 75 kHzdev.
Demodulator output
VO
100 dBµ V, the pin 12 output
210
330
420
mVrms
Signal-to-noise ratio
S/N
100 dBµ V, the pin 12 output
68
75
dB
Total harmonic distortion (mono)
THD
100 dBµ V, the pin 12 output
0.3
1.5
%
3 dB sensitivity
3 dB LS
100 dBµ V, referenced to a 75 kHz dev. output, –3 dB input
38
44
dBµV
IF counter sensitivity
IF-C3
SDC0 = 1, SDC1 = 0, the pin 18 (DO) output
41
51
61
dBµV
Muting attenuation
Mute-Att
100 dBµ V, the pin 12 output
68
dB
[FM IF Stereo Characteristics] : fc = 10.7 MHz, fm = 1 kHz, L+R = 90%, Pilot = 10%
Separation
SEP
100 dBµ V, L-mod, Pin 12 output/pin 13 output
28
40
dB
Total harmonic distortion (main)
THD
100 dBµ V, main modulation, the pin 12 output
0.5
1.5
%
[AM Characteristics] : fc = 1000 kHz, fm = 1 kHz, 30% mod
Detector output 1
VO1
23 dBµ V, the pin 12 output
20
40
80
mVrms
Detector output 2
VO2
80 dBµ V, the pin 12 output
60
110
160
mVrms
Signal-to-noise ratio 1
S/N1
23 dBµ V, the pin 12 output
1.5
20
dB
Signal-to-noise ratio 2
S/N2
80 dBµ V, the pin 12 output
47
54
dB
Total harmonic distortion
THD
80 dBµ V, the pin 12 output
1.2
3.0
%
IF counter sensitivity
IF-C
The pin 18 (DO) output
16
26
36
dBµV
AM low cut
LOW-CUT
80 dBµ V, referenced to fm = 1 kHz,
5
8
11
dB
the pin 12 output when fm = 100 Hz.
[Current Drain]
FM tuner block
ICCFM
In FM mode with no input
20
30
40
mA
AM tuner block
ICCAM
In AM mode with no input
10
20
30
mA
PLL block
IDD
fr = 83 MHz, X'tal = 75 kHz, With no input to the tuner block
1
2
5
mA
[PLL Characteristics]
Built-in feedback resistor
Rf
XIN
8
M
Built-in output resistor
Rd
XOUT
250
k
Hysteresis
VHIS
CE, CL, DI
0.1VDD
V
High-level output voltage
VOH
PD: IO = –1 mA
VDD – 1.0
V
VOL1
PD: IO = 1 mA
1.0
V
VOL2
BO1, BO2: IO = 1 mA
0.25
V
Low-level output voltage
VOL2
BO1, BO2: IO = 5 mA
1.25
V
VOL3
DO: IO = 1 mA
0.25
V
VOL4
AOUT: IO = 1 mA, AIN = 2.0 V
0.5
V
IIH1
CE, CL, DI: VI = 6.0 V
5.0
µA
High-level input current
IIH2
XIN: VI = VDD
0.16
0.9
µA
IIH3
AIN: VI = 6.0 V
200
nA
IIL1
CE, CL, DI: VI = 0 V
5.0
µA
Low-level input current
IIL2
XIN: VI = 0 V
0.16
0.9
µA
IIL3
AIN: VI = 0 V
200
nA
Output leakage current
IOFF1
AOUT, BO1, BO2: VO = 10 V
5.0
µA
IOFF2
DO: VO = 6.0 V
5.0
µA
High-level 3-state off leakage current
IOFFH
PD: VO = 6.0 V
0.01
200
nA
Low-level 3-state off leakage current
IOFFL
PD: VO = 0 V
0.01
200
nA
Operating Characteristics at Ta = 25°C, VCC = 5.0 V, VDD = 3.0 V,
in the specified test circuit, using Yamaichi Electronics socket IC51-0362-736


Similar Part No. - LV23000M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23002M SANYO-LV23002M Datasheet
457Kb / 4P
   Bi-CMOS IC For Radio Cassette and Mini Component System 1-chip Tuner IC Incorporating PLL
More results

Similar Description - LV23000M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
LV25700PM SANYO-LV25700PM Datasheet
751Kb / 68P
   For Car Radio Single chip Tuner IC
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com