Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-P06481TY12VD36-CF Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AB-P06481TY12VD36-CF
Description  6 Lamps LED Bulb
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-P06481TY12VD36-CF Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AB-P06481TY12VD36-CF_09 Datasheet HTML 1Page - A-BRIGHT Inc AB-P06481TY12VD36-CF_09 Datasheet HTML 2Page - A-BRIGHT Inc AB-P06481TY12VD36-CF_09 Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
1
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.
FESTOON LED BULB
Data Sheet
Feature:
High efficiency LED
materials are used in this
Bulb.
Every lamp is made with an
advanced optical grade
epoxy offering superior high
shock and high temperature
resistance in outdoor
applications.
.High luminous output
.Free to differentiate
anode and
cathode(Bi-Polar)
.Solid-state Vibration
resistant
.Saving power
.Long life
Option:
.12V DC
.Other industry standard
base
4.8mm LED Bulb Series
AB-P06XXXXXXXXXXX-XX
Description:
These High Voltage LED
Bulbs are specifically designed
for electric equipment, indicator
light switch and where a wide
view angle.
The 4.8mm round shaped
radiation pattern (70°) and high
luminous intensity ensure that
these devices are excellent for
wide field
of view outdoor applications
where a wide viewing angle and
readability in sunlight are
essential.


Similar Part No. - AB-P06481TY12VD36-CF_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-P06481TY12VD36-CF A-BRIGHT-AB-P06481TY12VD36-CF_15 Datasheet
101Kb / 3P
   FESTOON LED BULB
More results

Similar Description - AB-P06481TY12VD36-CF_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0651SW0-12VD-CF-B A-BRIGHT-AB-0651SW0-12VD-CF-B_09 Datasheet
65Kb / 3P
   6 Lamps LED Bulb
AB-P06481B012VD36-CF A-BRIGHT-AB-P06481B012VD36-CF_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-P06481TR12VD36-CF A-BRIGHT-AB-P06481TR12VD36-CF_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-0651TR-12VD-CF-B A-BRIGHT-AB-0651TR-12VD-CF-B_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-0651TY-12VD-CF-B A-BRIGHT-AB-0651TY-12VD-CF-B_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-0651W0-12VD-CF-B A-BRIGHT-AB-0651W0-12VD-CF-B_09 Datasheet
65Kb / 3P
   6 Lamps LED Bulb
AB-P06481G012VD36-CF A-BRIGHT-AB-P06481G012VD36-CF_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-P06481TR12VD31-CF A-BRIGHT-AB-P06481TR12VD31-CF_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-0651B0-12VD-CF-B A-BRIGHT-AB-0651B0-12VD-CF-B_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
AB-P06481B012VD31-CF A-BRIGHT-AB-P06481B012VD31-CF_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com