Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV2700V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV2700V
Description  Spread Spectrum Communications IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV2700V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV2700V Datasheet HTML 1Page - Sanyo Semicon Device LV2700V Datasheet HTML 2Page - Sanyo Semicon Device LV2700V Datasheet HTML 3Page - Sanyo Semicon Device LV2700V Datasheet HTML 4Page - Sanyo Semicon Device LV2700V Datasheet HTML 5Page - Sanyo Semicon Device LV2700V Datasheet HTML 6Page - Sanyo Semicon Device LV2700V Datasheet HTML 7Page - Sanyo Semicon Device LV2700V Datasheet HTML 8Page - Sanyo Semicon Device LV2700V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Overview
The LV2700V provides the reception and transmission
functions necessary for half-duplex communication in
spread-spectrum communications systems.
Features
• Frequency conversion is not required.
(direct signal processing at 236 MHz)
• Wide spread-spectrum bandwidth (20 MHz)
• Sanyo developed system for PN code synchronization
• Allows direct primary modulation (FSK and FM) by
data and analog signals. (Maximum data rate: 150 kbps)
• Low-voltage operation (2.7 to 5.5 V)
• Low power dissipation (36 mW in RX mode)
Functions
[TX Block]
• Spectrum spreader
• Crystal oscillator circuit
• PN code generator (M sequence)
• M sequence code length (31 or 63 chips) and tap
switching
• 9.83 MHz PLL
• Band limiting filter (LPF) for data transmission
[RX Block]
• Spectrum despreader
• Synchronization supplementation and protection
• 236-MHz PLL
• PN code generator (M sequence)
• M sequence code length (31 or 63 chips) and tap
switching
• FSK (FM) demodulator
• Lock detector
Package Dimensions
Bi-CMOS LSI
Ordering number : EN *5651
63097HA(OT) No. 5651-1/9
Preliminary
SANYO: SSOP30
[LV2700V]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Spread Spectrum Communications IC
LV2700V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6V
Allowable power dissipation
Pd max
150
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3V
Allowable voltage range
VCCop
2.7 to 5.5
V
Operating Conditions at Ta = 25°C


Similar Part No. - LV2700V

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LV275DIQ4 OKAYA-LV275DIQ4 Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
LV275DIU4 OKAYA-LV275DIU4 Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - LV2700V

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2423 RFMD-RF2423 Datasheet
67Kb / 8P
   100mW SPREAD-SPECTRUM TRANSMITTER IC
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
   3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
logo
Asahi Kasei Microsystem...
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
   EMI countermeasure for spread spectrum IC
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
logo
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
   Spread Spectrum Compatible
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
   Spread Spectrum Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com