Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8016IR15Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8016IR15Z
Description  6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8016IR15Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8016IR15Z Datasheet HTML 4Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 5Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 6Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 7Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 8Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 9Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 10Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 11Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISL8016
8
FN7616.0
March 31, 2011
OVERCURRENT PROTECTION
Current Limit Blanking Time
tOCON
17
Clock
pulses
Overcurrent and Auto Restart Period
tOCOFF
8
SS cycle
Positive Peak Current Limit
IPLIMIT ISET = FLOAT
7.7
9.5
11.5
A
ISET = VIN
5.5
6.5
8.0
A
ISET = SGND
3
4.0
5
A
Peak Skip Limit
ISKIP
ISET = FLOAT
1.6
2
2.4
A
ISET = VIN
1.0
1.35
1.6
A
ISET = SGND
0.85
A
Zero Cross Threshold
-300
300
mA
Negative Current Limit
INLIMIT
-4.25
-3
-1.75
A
COMPENSATION
Error Amplifier Trans-Conductance
FS = VIN
100
µA/V
FS with Resistor
200
µA/V
Trans-Resistance
RT
0.117
0.138
0.16
Ω
PHASE
P-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
31
45
m
Ω
VIN = 2.7V, IO = 200mA
44
55
m
Ω
N-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
19
35
m
Ω
VIN = 2.7V, IO = 200mA
25
50
m
Ω
PHASE Maximum Duty Cycle
100
%
PHASE Minimum On-Time
SYNCIN = High
140
ns
OSCILLATOR
Nominal Switching Frequency
Fsw
FS = VIN
800
1000
1200
kHz
FS with RS = 402k
Ω
450
525
600
kHz
FS with RS = 42.4k
Ω
3300
3900
4500
kHz
SYNCIN Logic Low to High Transition Range
0.70
0.75
0.80
V
SYNCIN Hysteresis
0.15
V
SYNCIN Logic Input Leakage Current
VIN = 3.6V
3.6
5
µA
SYNCOUT Charging Current
ISO
PWM
210
250
290
µA
PFM
0
µA
SYNCOUT Voltage Low
0.3
V
PG
Output Low Voltage
0.3
V
Delay Time (Rising Edge)
0.5
1
2
ms
PG Pin Leakage Current
0.01
0.1
µA
OVP PG Rising Threshold
0.80
V
UVP PG Rising Threshold
80
85
90
%
Analog Specifications Unless otherwise noted, all parameter limits are established over the recommended operating conditions
and the typical specification are measured at the following conditions: TA = -40°C to +85°C, VIN = 3.6V, EN = VIN, unless otherwise noted. Typical
values are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Similar Part No. - ISL8016IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016IR15Z INTERSIL-ISL8016IR15Z Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8016IR15Z RENESAS-ISL8016IR15Z Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8016IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8016 RENESAS-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL8018 INTERSIL-ISL8018 Datasheet
843Kb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
September 30, 2015
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com