Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH3105 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH3105
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3105 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH3105 Datasheet HTML 1Page - Sanyo Semicon Device MCH3105 Datasheet HTML 2Page - Sanyo Semicon Device MCH3105 Datasheet HTML 3Page - Sanyo Semicon Device MCH3105 Datasheet HTML 4Page - Sanyo Semicon Device MCH3105 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCH3105 / MCH3205
No.7128-4/5
1.0
0
0.8
0.6
0.2
0.4
VCE(sat) -- IC
Collector Current, IC -- A
--25°
C
MCH3105
IC / IB=50
VCE(sat) -- IC
Collector Current, IC -- A
MCH3205
IC / IB=50
--25°
C
Ta=75
°C
Ta= --25°C
IT03975
IT03976
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
IT03977
IT03978
7
5
3
2
--10000
--1000
7
5
3
2
--100
7
5
3
2
23
5 7 --0.1
--0.01
23
5 7 --0.1
--0.01
23
5 7 --1.0
23
5 7 --10
23
5
7 0.1
0.01
23
5
7 1.0
23
5
23
5
7 0.1
0.01
23
5
7 1.0
23
5
23
5 7 --1.0
23
5 7 --10
--10
--1000
7
5
3
2
--100
5
3
2
1000
7
5
3
2
100
5
3
2
1000
7
5
3
2
7
5
3
2
100
10
25°
C
25°
C
25°C
75°C
Ta= --25°C
25°C
75°C
Ta=75
°C
MCH3105
IC / IB=50
MCH3205
IC / IB=50
Ambient Temperature, Ta --
°C
20
060
40
80
100
140
120
160
PC -- Ta
IT03981
Mounted
on
a ceramic
board
(600mm
2!
0.8mm)
0.1
1.0
10
23
5
7
23
5
7
23
5
7
0.1
1.0
2
3
5
7
0.01
2
3
5
7
10
2
3
5
7
A S O
Collector-to-Emitter Voltage, VCE -- V
IC=3A
ICP=6A
MCH3105 / MCH3205
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2!0.8mm)
IT03980
1ms
DC
operation
100ms
10ms


Similar Part No. - MCH3105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105-TL-E ONSEMI-MCH3105-TL-E Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
More results

Similar Description - MCH3105

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com