Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC1.6-4-2-3 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # ETC1.6-4-2-3
Description  E-SerieS RF 4:1 Transmission Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC1.6-4-2-3 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  ETC1.6-4-2-3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC1.6-4-2-3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. ETC1.6-4-2-3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. ETC1.6-4-2-3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
E-SerieS RF 4:1 Transmission Line
Transformer 500-3000MHz
Rev. V2
ETC1.6-4-2-3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Outline Drawing
1.
Dimensions in mm.
2.
Tolerance: ±0.2mm unless otherwise noted.
3.
Model number and lot code are printed on the reel.
4.
Termination plating is Au.
Recommended Footprint
1.27
0.762
3.81
TOP
2.54
0.762
3.81
SIDE
3.81 MAX
1.397
4.83
0.762
3.30
1.65


Similar Part No. - ETC1.6-4-2-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1.6-4-2-3 MACOM-ETC1.6-4-2-3 Datasheet
165Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
logo
M/A-COM Technology Solu...
ETC1.6-4-2-3 MA-COM-ETC1.6-4-2-3 Datasheet
150Kb / 2P
   E-Series RF 4:1 Transmission Line Transformer 500 - 3000 MHz
ETC1.6-4-2-3 MA-COM-ETC1.6-4-2-3 Datasheet
180Kb / 4P
   E-SerieS RF 4:1 Transmission Line
logo
Tyco Electronics
ETC1.6-4-2-3TR MACOM-ETC1.6-4-2-3TR Datasheet
165Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
More results

Similar Description - ETC1.6-4-2-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1.6-4-2-3 MA-COM-ETC1.6-4-2-3 Datasheet
180Kb / 4P
   E-SerieS RF 4:1 Transmission Line
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000_V4 MA-COM-MABA-007159-000000_V4 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
436Kb / 4P
   E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000 MA-COM-MABA-007159-000000_15 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
logo
Tyco Electronics
ETK4-2T MACOM-ETK4-2T Datasheet
92Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T_15 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com