Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC1-1T-2TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # ETC1-1T-2TR
Description  E-Series RF 1:1 Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC1-1T-2TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  ETC1-1T-2TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC1-1T-2TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. ETC1-1T-2TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. ETC1-1T-2TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ETC1-1T-2TR
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
E-Series RF 1:1 Transformer
0.1 – 200 MHz
Rev. V1
Absolute Maximum Ratings 1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
0.1 - 200
MHz
Insertion Loss
0.1 - 200
dB
0.3
1.5
Amplitude Imbalance
0.1 - 200
dB
0.5
Phase Imbalance
0.1 - 200
Degrees
5
°


Similar Part No. - ETC1-1T-2TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T-2TR MACOM-ETC1-1T-2TR Datasheet
58Kb / 2P
   E-Series RF 1:1 Transformer 0.05 - 3 MHz
logo
M/A-COM Technology Solu...
ETC1-1T-2TR MA-COM-ETC1-1T-2TR Datasheet
362Kb / 4P
   E-Series RF 1:1 Transformer
ETC1-1T-2TR MA-COM-ETC1-1T-2TR_16 Datasheet
1Mb / 5P
   E-Series RF 1:1 Transformer
More results

Similar Description - ETC1-1T-2TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1-1-6 MA-COM-ETC1-1-6 Datasheet
218Kb / 2P
   E-Series RF 1:1 Transformer
DS-ETC1-1T-5 MA-COM-DS-ETC1-1T-5 Datasheet
229Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009126-ET11SM-V2 MA-COM-MABA-009126-ET11SM-V2 Datasheet
666Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA_15 Datasheet
578Kb / 4P
   E-Series Transformer, RF 1:1
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
   E-Series RF 1:1 Transformer
ETN1-1-13 MA-COM-ETN1-1-13 Datasheet
50Kb / 2P
   E-Series RF 1:1 Transformer
ETC1-1T-2TR MA-COM-ETC1-1T-2TR_16 Datasheet
1Mb / 5P
   E-Series RF 1:1 Transformer
ETC1-1T-2TR MA-COM-ETC1-1T-2TR Datasheet
362Kb / 4P
   E-Series RF 1:1 Transformer
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA Datasheet
114Kb / 2P
   E-Series RF 1:1 Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com