Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7Q161862B Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7Q161862B
Description  512Kx36 & 1Mx18 QDRTM b2 SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q161862B Datasheet(HTML) 5 Page - Samsung semiconductor

  K7Q161862B Datasheet HTML 1Page - Samsung semiconductor K7Q161862B Datasheet HTML 2Page - Samsung semiconductor K7Q161862B Datasheet HTML 3Page - Samsung semiconductor K7Q161862B Datasheet HTML 4Page - Samsung semiconductor K7Q161862B Datasheet HTML 5Page - Samsung semiconductor K7Q161862B Datasheet HTML 6Page - Samsung semiconductor K7Q161862B Datasheet HTML 7Page - Samsung semiconductor K7Q161862B Datasheet HTML 8Page - Samsung semiconductor K7Q161862B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b2 SRAM
- 5 -
Rev 1.0
Mar. 2004
K7Q163662B
K7Q161862B
The K7Q163662B and K7Q161862B are 18,874,368-bits QDR(Quad Data Rate) Synchronous Pipelined Burst SRAMs.
They are organized as 524,288 words by 36bits for K7Q163662B and 1,048,576 words by 18 bits for K7Q161862B.
The QDR operation is possible by supporting DDR read and write operations through separate data output and input ports
with the same cycle. Memory bandwidth is maxmized as data can be transfered into sram
on every rising edge of K and K, and transfered out of sram on every rising edge of C and C.
And totally independent read and write ports eliminate the need for high speed bus turn around.
Address, data inputs, and all control signals are synchronized to the input clock ( K or K ).
Normally data outputs are synchronized to output clocks ( C and C ), but when C and C are tied high,
the data outputs are synchronized to the input clocks ( K and K ).
Read address is registered on rising edges of the input K clocks, and write address is
registered on rising edges of the input K clocks.
Common address bus is used to access address both for read and write operations.
The internal burst counter is fiexd to 2-bit sequential for both read and write operations.
Synchronous pipeline read and early write enable high speed operations.
Simple depth expansion is accomplished by using R and W for port selection.
Byte write operation is supported with BW0 and BW1 ( BW2 and BW3 ) pins.
IEEE 1149.1 serial boundary scan (JTAG) simplifies monitoriing package pads attachment status with system.
The K7Q163662B and K7Q161862B are implemented with SAMSUNG's high performance 6T CMOS technology and is available
in 165pin FBGA packages. Multiple power and ground pins minimize ground bounce.
GENERAL DESCRIPTION
Read Operations
Read cycles are initiated by activating R at the rising edge of the positive input clock K.
Address is presented and stored in the read address register synchronized with K clock.
For 2-bit burst DDR operation, it will access two 36-bit or 18-bit data words with each read command.
The first pipelined data is transfered out of the device triggered by C clock following next K clock rising edge.
Next burst data is triggered by the rising edge of following C clock rising edge.
Continuous read operations are initiated with K clock rising edge.
And pipelined data are transferred out of device on every rising edge of both C and C clocks.
In case C and C tied to high, output data are triggered by K and K instead of C and C.
When the R is disabled after a read operation, the K7Q163662B and K7Q161862B will first complete burst read operation
before entering into deselect mode at the next K clock rising edge.
Then output drivers disabled automatically to high impedance state.


Similar Part No. - K7Q161862B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161862B SAMSUNG-K7Q161862B Datasheet
335Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
More results

Similar Description - K7Q161862B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161862 SAMSUNG-K7Q161862 Datasheet
335Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163652A SAMSUNG-K7Q163652A Datasheet
505Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7R161882B SAMSUNG-K7R161882B Datasheet
428Kb / 19P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7R163682B SAMSUNG-K7R163682B Datasheet
463Kb / 20P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com