Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7Q161864B Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7Q161864B
Description  512Kx36 & 1Mx18 QDRTM b4 SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q161864B Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7Q161864B Datasheet HTML 2Page - Samsung semiconductor K7Q161864B Datasheet HTML 3Page - Samsung semiconductor K7Q161864B Datasheet HTML 4Page - Samsung semiconductor K7Q161864B Datasheet HTML 5Page - Samsung semiconductor K7Q161864B Datasheet HTML 6Page - Samsung semiconductor K7Q161864B Datasheet HTML 7Page - Samsung semiconductor K7Q161864B Datasheet HTML 8Page - Samsung semiconductor K7Q161864B Datasheet HTML 9Page - Samsung semiconductor K7Q161864B Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b4 SRAM
- 6 -
Rev 1.1
Aug. 2010
K7Q163664B
K7Q161864B
Write cycles are initiated by activating W at the rising edge of the positive input clock K.
Address is presented and stored in the write address register synchronized with K clock.
For 4-bit burst DDR operation, it will write four 36-bit or 18-bit data words with each write command.
The first "late" data is transfered and registered in to the device synchronous with next K clock rising edge.
Next burst data is transfered and registered synchronous with following K clock rising edge.
The process continues until all four data are transfered and registered.
Continuous write operations are initated with K rising edge.
And "late writed" data is presented to the device on every rising edge of both K and K clocks.
The device disregards input data presented on the same cycle W disabled.
When the W is disabled after a read operation, the K7Q163664B and K7Q161864B will first complete burst read operation before
entering into deselect mode at the next K clock rising edge.
The K7Q163664B and K7Q161864B support byte write operations.
With activating BW0 or BW1 ( BW2 or BW3 ) in write cycle, only one byte of input data is presented.
In K7Q161864B, BW0 controls write operation to D0:D8, BW1 controls write operation to D9:D17.
And in K7Q163664B BW2 controls write operation to D18:D26, BW3 controls write operation to D27:D35.
Separate input and output ports enables easy depth expansion.
Each port can be selected and deselected independently
and read and write operation do not affect each other.
Before chip deselected, all read and write pending operations are completed.
The designer can program the SRAM's output buffer impedance by terminating the ZQ pin to VSS through a precision resistor(RQ).
The value of RQ (within 15%) is five times the output impedance desired.
For example, 250
resistor will give an output impedance of 50.
Impedance updates occur early in cycles that do not activate the outputs, such as deselect cycles.
In all cases impedance updates are transparent to the user and do not produce access time "push-outs"
or other anomalous behavior in the SRAM.
There are no power up requirements for the SRAM. However, to guarantee optimum output driver impedance after power up,
the SRAM needs 1024 non-read cycles.
Write Operations
Programmable Impedance Output Buffer Operation
Depth Expansion
The K7Q163664B and K7Q161864B can be used with the single clock pair K and K.
In this mode, C and C must be tied high during power up and this single clock pair control both the input and output registers.
C and C cannot be tied high during operation.
System flight time and clock skew could not be compensated in single clock mode.
Single Clock Mode


Similar Part No. - K7Q161864B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161864B SAMSUNG-K7Q161864B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
K7Q161864B-FC16 SAMSUNG-K7Q161864B-FC16 Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
More results

Similar Description - K7Q161864B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161862 SAMSUNG-K7Q161862 Datasheet
335Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163652A SAMSUNG-K7Q163652A Datasheet
505Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7R161882B SAMSUNG-K7R161882B Datasheet
428Kb / 19P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com