Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW1_V5 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1_V5
Description  SPST Reflective AlGaAs PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1_V5 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SPST Reflective AlGaAs PIN Diode Switch
Rev. V5
MA4AGSW1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
FEATURES
 Ultra Broad Bandwidth : 50 MHz to 50 GHz
 Functional Bandwidth : 50 MHz to 70 GHz
 0.3 dB Insertion Loss
 46 dB Isolation at 50 GHz
 Low Current consumption
 -5V for low loss state
+10mA for Isolation state
 M/A-COM Tech’s unique AlGaAs
hetero-junction anode technology
 Silicon Nitride Passivation
 Polymer Scratch protection
 RoHS Compliant* and 260°C Reflow Compatible
DESCRIPTION
The MA4AGSW1 is an Aluminum-Gallium-Arsenide,
single pole, single throw (SPST), PIN diode switch.
The switch features enhanced AlGaAs anodes which
are formed using M/A-COM Tech’s patented hetero-
junction technology. This technology produces a
switch with less loss than conventional GaAs proc-
esses. As much as a 0.3 dB reduction in insertion
loss can be realized at 50GHz. These devices are
fabricated on an OMCVD epitaxial wafer using a
process designed for high device uniformity and
extremely low parasitics. The diodes themselves
exhibit low series resistance, low capacitance, and
fast switching speed. They are fully passivated with
silicon nitride and have an additional polymer layer
for
scratch
protection.
The
protective
coating
prevents damage to the diode junction and anode
air-bridges during handling and assembly. Off chip
bias circuitry is required.
APPLICATIONS
The high electron mobility of AlGaAs and the low
capacitance of the PIN diodes makes this switch
ideal for fast switching, high frequency, multi-throw
switch designs. These AlGaAs PIN switches are use
in switching arrays for radar systems, radiometers,
test equipment and other multi-assembly compo-
nents.
Yellow areas indicate bond pads
J1
J2
Absolute Maximum Ratings @ TAMB = +25°C
Parameter
Maximum Rating
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Incident C.W. RF Power
+23dBm C.W.
Breakdown Voltage
25V
Bias Current
± 25mA
Junction Temperature
+150°C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Maximum combined operating conditions for RF Power, D.C.
bias, and temperature: +23 dBm C.W. @ 10 mA (per diode) @
+85°C.


Similar Part No. - MA4AGSW1_V5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
   AlGaAs SPST Non-Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
   SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
177Kb / 7P
   SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
   SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
   SPST Non-Reflective AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW1_V5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
   AlGaAs SPST Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
   SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
   SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
   SPST Non-Reflective AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
   AlGaAs SPST Non-Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
   SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
   SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
   AlGaAs SP5T Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
   SP3T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
   SP4T AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com