Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7R323684C Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7R323684C
Description  1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R323684C Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7R323684C Datasheet HTML 7Page - Samsung semiconductor K7R323684C Datasheet HTML 8Page - Samsung semiconductor K7R323684C Datasheet HTML 9Page - Samsung semiconductor K7R323684C Datasheet HTML 10Page - Samsung semiconductor K7R323684C Datasheet HTML 11Page - Samsung semiconductor K7R323684C Datasheet HTML 12Page - Samsung semiconductor K7R323684C Datasheet HTML 13Page - Samsung semiconductor K7R323684C Datasheet HTML 14Page - Samsung semiconductor K7R323684C Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
- 11 -
Rev. 1.1 August 2006
1Mx36, 2Mx18 & 4Mx9 QDRTM II b4 SRAM
K7R323684C
K7R321884C
K7R320984C
DC ELECTRICAL CHARACTERISTICS
Notes: 1. Minimum cycle. IOUT=0mA.
2. |IOH|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω.
3. |IOL|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω.
4. Minimum Impedance Mode when ZQ pin is connected to VDD.
5. Operating current is calculated with 50% read cycles and 50% write cycles.
6. Standby Current is only after all pending read and write burst operations are completed.
7. Programmable Impedance Mode.
8. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring timing parameters.
9. VIL (Min) DC=
-0.3V, VIL (Min) AC=-1.5V(pulse width ≤ 3ns).
10. VIH (Max)DC=
VDDQ+0.3, VIH (Max)AC=VDDQ+0.85V(pulse width ≤ 3ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current
IIL
VDD=Max; VIN=VSS to VDDQ
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current (x36)
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min
-33
-
850
-30
-
800
mA
1,5
-25
-
750
Operating Current (x18)
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min
-33
-
800
-30
-
750
mA
1,5
-25
-
700
Operating Current (x9)
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min
-33
-
750
-30
-
700
mA
1,5
-25
-
650
Standby Current (NOP)
ISB1
Device deselected, IOUT=0mA, f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-33
-
350
-30
-
330
mA
1,6
-25
-
300
Output High Voltage
VOH1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,7
Output Low Voltage
VOL1
VDDQ/2-0.12 VDDQ/2+0.12
V
3,7
Output High Voltage
VOH2
IOH=-1.0mA
VDDQ-0.2
VDDQ
V4
Output Low Voltage
VOL2
IOL=1.0mA
VSS
0.2
V
4
Input Low Voltage
VIL
-0.3
VREF-0.1
V
8,9
Input High Voltage
VIH
VREF+0.1
VDDQ+0.3
V
8,10
ABSOLUTE MAXIMUM RATINGS*
*Note: 1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. VDDQ must not exceed VDD during normal operation.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.5 to 2.9
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.5 to VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.5 to VDD+0.3
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial / Industrial
TOPR
0 to 70 / -40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
OPERATING CONDITIONS
PARAMETER
SYMBOL
Min
MAX
UNIT
Supply Voltage
VDD
1.7
1.9
V
VDDQ
1.4
1.9
V
Reference Voltage
VREF
0.68
0.95
V


Similar Part No. - K7R323684C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7R323684M-FC16 SAMSUNG-K7R323684M-FC16 Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7R323684M-FC20 SAMSUNG-K7R323684M-FC20 Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7R323684M-FC25 SAMSUNG-K7R323684M-FC25 Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
More results

Similar Description - K7R323684C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com