Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7R643682M Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K7R643682M
Description  2Mx36 & 4Mx18 & 8Mx9 QDR II b2 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R643682M Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K7R643682M_07 Datasheet HTML 3Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 4Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 5Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 6Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 7Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 8Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 9Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 10Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7R643682M
K7R641882M
K7R640982M
- 7 -
Rev. 1.3 March 2007
The K7R643682M,K7R641882M and K7R640982M are 75,497,472-bits QDR (Quad Data Rate)
Synchronous Pipelined Burst SRAMs.
They are organized as 2,097,152 words by 36bits for K7R643682M, 4,194,304 words by 18 bits for K7R641882M and
8,388,608 words by 9bits for K7R640982M.
The QDR operation is possible by supporting DDR read and write operations through separate data output and input ports
with the same cycle. Memory bandwidth is maximized as data can be transferred into SRAM on every rising edge of K and K,
and transferred out of SRAM on every rising edge of C and C.
And totally independent read and write ports eliminate the need for high speed bus turn around.
Address, data inputs, and all control signals are synchronized to the input clock (K or K).
Normally data outputs are synchronized to output clocks (C and C), but when C and C are tied high,
the data outputs are synchronized to the input clocks (K and K).
Read data are referenced to echo clock (CQ or CQ) outputs.
Read address is registered on rising edges of the input K clocks,
and write address is registered on rising edges of the input K clocks.
Common address bus is used to access address both for read and write operations.
The internal burst counter is fixed to 2-bit sequential for both read and write operations.
Synchronous pipeline read and early write enable high speed operations.
Simple depth expansion is accomplished by using R and W for port selection.
Byte write operation is supported with BW0 and BW1(BW2 and BW3) pins for x18 (x36) device and only BW pin for x9 device.
IEEE 1149.1 serial boundary scan (JTAG) simplifies monitoring package pads attachment status with system.
The K7R643682M,K7R641882M and K7R640982M are implemented with SAMSUNG's high performance 6T CMOS technology
and is available in 165pin FBGA packages. Multiple power and ground pins minimize ground bounce.
GENERAL DESCRIPTION
Read Operations
Read cycles are initiated by activating R at the rising edge of the positive input clock K.
Address is presented and stored in the read address register synchronized with K clock.
For 2-bit burst DDR operation, it will access two 36-bit or 18-bit or 9-bit data words with each read command.
The first pipelined data is transferred out of the device triggered by C clock following next K clock rising edge.
Next burst data is triggered by the rising edge of following C clock rising edge.
Continuous read operations are initiated with K clock rising edge.
And pipeline data are transferred out of device on every rising edge of both C and C clocks.
In case C and C tied to high, output data are triggered by K and K instead of C and C.
When the R is disabled after a read operation, the K7R643682M,K7R641882M and K7R640982M will first complete burst read
operation before entering into deselect mode at the next K clock rising edge.
Then output drivers disabled automatically to high impedance state.
Write cycles are initiated by activating W at the rising edge of the positive input clock K.
Address is presented and stored in the write address register synchronized with following K clock.
For 2-bit burst DDR operation, it will write two 36-bit or 18-bit or 9-bit data words with each write command.
The first "early" data is transferred and registered in to the device synchronous with same K clock rising edge with W presented.
Next burst data is transferred and registered synchronous with following K clock rising edge.
Continuous write operations are initiated with K rising edge.
And "early writed" data is presented to the device on every rising edge of both K and K clocks.
When the W is disabled, the K7R643682M, K7R641882M, and K7R640982M will enter into deselect mode.
The device disregards input data presented on the same cycle W disabled.
The K7R643682M, K7R641882M and K7R640982M support byte write operations.
With activating BW0 or BW1 (BW2 or BW3) in write cycle, only one byte of input data is presented.
In K7R641882M, BW0 controls write operation to D0:D8, BW1 controls write operation to D9:D17.
And in K7R643682M BW2 controls write operation to D18:D26, BW3 controls write operation to D27:D35.
And in K7R640982M BW controls write operation to D0:D8.
Write Operations


Similar Part No. - K7R643682M_07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R643682M SAMSUNG-K7R643682M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
More results

Similar Description - K7R643682M_07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R643682M SAMSUNG-K7R643682M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7J643682M SAMSUNG-K7J643682M_07 Datasheet
434Kb / 18P
   2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com