Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7S1618T4C Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7S1618T4C
Description  512Kx36 & 1Mx18 QDR II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7S1618T4C Datasheet(HTML) 5 Page - Samsung semiconductor

  K7S1618T4C Datasheet HTML 1Page - Samsung semiconductor K7S1618T4C Datasheet HTML 2Page - Samsung semiconductor K7S1618T4C Datasheet HTML 3Page - Samsung semiconductor K7S1618T4C Datasheet HTML 4Page - Samsung semiconductor K7S1618T4C Datasheet HTML 5Page - Samsung semiconductor K7S1618T4C Datasheet HTML 6Page - Samsung semiconductor K7S1618T4C Datasheet HTML 7Page - Samsung semiconductor K7S1618T4C Datasheet HTML 8Page - Samsung semiconductor K7S1618T4C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
512Kx36 & 1Mx18 QDRTM II+ b4 SRAM
K7S1636T4C
K7S1618T4C
- 5 -
Rev. 1.4 August 2008
PIN CONFIGURATIONS(TOP VIEW) K7S1618T4C (1Mx18)
Notes: 1. * Checked No Connect(NC) pins are reserved for higher density address, i.e. 3A for 36Mb, 10A for 72Mb and 2A for 144Mb.
2. BW0 controls write to D0:D8 and BW1 controls write to D9:D17.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA*
NC/SA*
W
BW1
K
NC
R
SA
NC/SA*
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SASA
QVLD
SASA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
NC
SA
SA
SA
TMS
TDI
PIN NAME
Notes:
1. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
2. Not connected to chip pad internally.
3. K, K can not be set to VREF voltage.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
QVLD
6P
Q Valid output
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable
SA
9A,4B,8B,5C,7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-17
10P,11N,11M,10K,11J,11G,10E,11D,11C,3B,3C,2D
3F,2G,3J,3L,3M,2N
Data Inputs
Q0-17
11P,10M,11L,11K,10J,11F,11E,10C,11B,2B,3D,3E
2F,3G,3K,2L,3N,3P
Data Outputs
W
4A
Write Control Pin,active when low
R
8A
Read Control Pin,active when low
BW0, BW1
7B, 5A
Block Write Control Pin,active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
1
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply ( 1.8 V )
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply ( 1.5V )
VSS
4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
2A,7A,10A,1B,5B,9B,10B,1C,2C,6C,9C,1D,9D,10D,1E,2E,9E,1F
9F,10F,1G,9G,10G,1J,2J,9J,1K,2K,9K,1L,9L,10L,1M
2M,9M,1N,9N,10N,1P,2P,9P,6R
No Connect
2


Similar Part No. - K7S1618T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S1618U4C SAMSUNG-K7S1618U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results

Similar Description - K7S1618T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com