Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-314TRC Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-314TRC
Description  3 mm Round LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-314TRC Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-314TRC_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-314TRC_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-314TRC_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-314TRC_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-314TRC_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-314TRC
Diff No.
3 mm
Round
Type : LED Lamps
2009/2/25
1
Notes:
1. All dimensions are in millimeter.
2.An epoxy meniscus may extend about.
1. 5mm(0.059”) down to the lead
3.Tolerances unless Dimension ±0.25mm
Package Dimension︰
Features︰
Descriptions︰
Applications︰
Choice of various
viewing angles.
Available on Tape
and Reel.
Reliable and
robust.
The series is
specially designed
for application
requiring higher
brightness.
The LED lamps
are available with
different color,
intensities, epoxy
colors etc.
TV set
Monitor
Telephone


Similar Part No. - AL-314TRC_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-314TRC-A A-BRIGHT-AL-314TRC-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/25
AL-314TRC-A A-BRIGHT-AL-314TRC-A_09 Datasheet
238Kb / 5P
   3 mm Round LED Lamps
2009/2/25
More results

Similar Description - AL-314TRC_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-314SG1C-A A-BRIGHT-AL-314SG1C-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314SRC A-BRIGHT-AL-314SRC Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314TGC-A A-BRIGHT-AL-314TGC-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314UG6C-A A-BRIGHT-AL-314UG6C-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/25
AL-314B5C A-BRIGHT-AL-314B5C Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314BG3C A-BRIGHT-AL-314BG3C Datasheet
302Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314ED A-BRIGHT-AL-314ED Datasheet
309Kb / 5P
   3 mm Round LED Lamps
2006/9/26
AL-314GT A-BRIGHT-AL-314GT Datasheet
309Kb / 5P
   3 mm Round LED Lamps
2006/9/20
AL-314HD A-BRIGHT-AL-314HD Datasheet
309Kb / 5P
   3 mm Round LED Lamps
2006/9/26
AL-314IR-780-30C A-BRIGHT-AL-314IR-780-30C Datasheet
328Kb / 5P
   3 mm Round LED Lamps
2006/9/28
AL-314TGC A-BRIGHT-AL-314TGC Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com