Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40170 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40170
Description  4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40170 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40170 Datasheet HTML 1Page - Texas Instruments TPS40170 Datasheet HTML 2Page - Texas Instruments TPS40170 Datasheet HTML 3Page - Texas Instruments TPS40170 Datasheet HTML 4Page - Texas Instruments TPS40170 Datasheet HTML 5Page - Texas Instruments TPS40170 Datasheet HTML 6Page - Texas Instruments TPS40170 Datasheet HTML 7Page - Texas Instruments TPS40170 Datasheet HTML 8Page - Texas Instruments TPS40170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
TPS40170
www.ti.com
SLUS970
– MARCH 2011
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Check for Samples: TPS40170
1
FEATURES
DESCRIPTION
TPS40170 is a full-featured, synchronous PWM buck
Wide-Input Voltage Range from 4.5 V to 60 V
controller that operates at an input voltage between
600-mV Reference Voltage with 1% Accuracy
4.5
V
and
60
V
and
is
optimized
for
high-
Programmable UVLO and Hysteresis
power-density,
high-reliability
DC/DC
converter
applications. The controller implements voltage-mode
Voltage Mode Control With Voltage Feed
control with input-voltage feed-forward compensation
Forward
that enables instant response to input voltage
Programmable Frequency Between 100 kHz
change. The switching frequency is programmable
and 600 kHz
from 100 kHz to 600 kHz.
Bi-directional -Frequency Synchronization
The TPS40170 has a complete set of system
With Master/Slave Option
protection
and
monitoring
features
such
as
Low-side FET Sensing Overcurrent Protection
programmable
UVLO,
programmable
overcurrent
and High-Side FET Sensing Short-Circuit
protection (OCP) by sensing the low-side FET,
selectable short-circuit protection (SCP) by sensing
Protection With Integrated Thermal
the high-side FET and thermal shutdown. The
Compensation
ENABLE pin allows for system shutdown in a
Programmable Closed Loop Soft-Start
low-current
(1-
µA
typical)
mode.
The
controller
Supports Pre-Biased Outputs
supports pre-biased output, provides an open-drain
PGOOD signal, and has closed loop soft-start, output
Thermal Shutdown at 165
°C with Hysteresis
voltage tracking and adaptive dead-time control.
Voltage Tracking
TPS40170
provides
accurate
output
voltage
Power Good
regulation via 1% ensured accuracy. Additionally, the
ENABLE with 1-
µA Low-Current Shutdown
controller implements a novel scheme of bi-directional
8.0-V and 3.3-V LDO Output
synchronization with one controller acting as the
master and other downstream controllers acting as
Integrated Bootstrap Diode
slaves synchronized to the master in-phase or 180
°
20-Pin 3.5 mm
× 4.5 mm QFN (RGY) Package
out-of-phase. Slave controllers can be synchronized
to an external clock within
±30% of the free running
APPLICATIONS
switching frequency.
POL Modules
Wide Input Voltage, High-Power Density
DC/DC Converters for Industrial, Networking
and Telecomm Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170 TI-TPS40170 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results

Similar Description - TPS40170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
[Old version datasheet]   5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com