Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40170RGYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40170RGYR
Description  4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40170RGYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40170RGYR Datasheet HTML 6Page - Texas Instruments TPS40170RGYR Datasheet HTML 7Page - Texas Instruments TPS40170RGYR Datasheet HTML 8Page - Texas Instruments TPS40170RGYR Datasheet HTML 9Page - Texas Instruments TPS40170RGYR Datasheet HTML 10Page - Texas Instruments TPS40170RGYR Datasheet HTML 11Page - Texas Instruments TPS40170RGYR Datasheet HTML 12Page - Texas Instruments TPS40170RGYR Datasheet HTML 13Page - Texas Instruments TPS40170RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
895.0
895.5
896.0
896.5
897.0
897.5
898.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
4.98
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
4.08
4.09
4.10
4.11
4.12
4.13
4.14
4.15
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
275
280
285
290
295
300
305
310
315
320
325
330
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
11.60
11.64
11.68
11.72
11.76
11.80
11.84
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VSS > 0.5 V
51.00
51.25
51.50
51.75
52.00
52.25
52.50
52.75
53.00
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VSS < 0.5 V
TPS40170
SLUS970
– MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 7. UVLO On Voltage vs. Junction Temperature
Figure 8. UVLO Hysteresis Current vs. Junction
Temperature
Figure 9. VBP Turn-On Voltage vs. Junction Temperature
Figure 10. VBP UVLO Hysteresis Voltage
Figure 11. Soft-Start Source Current vs. Junction
Figure 12. Soft-Start Source Current vs. Junction
Temperature (VSS > 0.5 V)
Temperature (VSS < 0.5 V)
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40170


Similar Part No. - TPS40170RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170 TI-TPS40170 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results

Similar Description - TPS40170RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
[Old version datasheet]   5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com