Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54622RHLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54622RHLR
Description  4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54622RHLR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54622RHLR Datasheet HTML 1Page - Texas Instruments TPS54622RHLR Datasheet HTML 2Page - Texas Instruments TPS54622RHLR Datasheet HTML 3Page - Texas Instruments TPS54622RHLR Datasheet HTML 4Page - Texas Instruments TPS54622RHLR Datasheet HTML 5Page - Texas Instruments TPS54622RHLR Datasheet HTML 6Page - Texas Instruments TPS54622RHLR Datasheet HTML 7Page - Texas Instruments TPS54622RHLR Datasheet HTML 8Page - Texas Instruments TPS54622RHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TPS54622
SLVSA70
– MARCH 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER
Small Reel(2)
TPS54622RHLT
–40°C to 150°C
14 Pin QFN
Large Reel(2)
TPS54622RHLR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
See the application section of the datasheet for layout information.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 20
V
PVIN
–0.3 to 20
V
EN
–0.3 to 6
V
BOOT
–0.3 to 27
V
Input Voltage
VSENSE
–0.3 to 3
V
COMP
–0.3 to 3
V
PWRGD
–0.3 to 6
V
SS/TR
–0.3 to 3
V
RT/CLK
–0.3 to 6
V
BOOT-PH
0 to 7.5
V
Output Voltage
PH
–1 to 20
V
PH 10ns Transient
–3 to 20
V
Vdiff (GND to exposed thermal pad)
–0.2 to 0.2
V
RT/CLK
±100
µA
Source Current
PH
Current Limit
A
PH
Current Limit
A
PVIN
Current Limit
A
Sink Current
COMP
±200
µA
PWRGD
–0.1 to 5
mA
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating Junction Temperature
–40 to 150
°C
Storage Temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54622


Similar Part No. - TPS54622RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54622RHLR TI1-TPS54622RHLR Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54622RHLREP TI-TPS54622RHLREP Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622RHLREP TI-TPS54622RHLREP Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
More results

Similar Description - TPS54622RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54623 TI-TPS54623_15 Datasheet
1Mb / 38P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
TPS54623 TI1-TPS54623 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com