Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1211 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB1211
Description  Standalone USB Transceiver Chip
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TUSB1211
www.ti.com
SLLSE80 – MARCH 2011
Table 2-1. Terminal Functions (continued)
#
PIN
(1)
NAME
A/D
(2)
TYPE
(3)
LEVEL
(4)
DESCRIPTION
When CHRG_POL pin is at GND then CHRG_DET is in active low open-drain mode with external
35
F2
CHRG_DET
D
O
VBAT
RCHRGDET (100K) connected to VBAT. When CHRG_POL pin is at VBAT then CHRG_DET is in active
high open-source mode with external RCHRGDET (100K) connected to GND. This pin is 5V tolerant.
Controls an external, active high, VBUS power switch or charge pump. Open source output on VBAT
36
D4
PSW
D
O
VBAT
supply when PSW_OSOD bit is 0 (default), open-drain active-low output when PSW_OSOD bit is 1.
Requires an external RPSW (100K) pull down/up resistor to GND/VBAT .
2.2
Block Diagram
Copyright © 2011, Texas Instruments Incorporated
Description
9
Submit Documentation Feedback
Product Folder Link(s): TUSB1211


Similar Part No. - TUSB1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1211 TI1-TUSB1211 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
TUSB1211A1ZRQ TI1-TUSB1211A1ZRQ Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
TUSB1211A1ZRQR TI1-TUSB1211A1ZRQR Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
More results

Similar Description - TUSB1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210BRHBT TI-TUSB1210BRHBT Datasheet
1Mb / 64P
[Old version datasheet]   Standalone USB Transceiver Chip Silicon
TUSB1210-Q1 TI1-TUSB1210-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
logo
STMicroelectronics
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
   Standalone USB Type-C??sink port controller
Rev 1 - October 2019
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
   USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
   USB TRANSCEIVER
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
   USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com