Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS4555 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXS4555
Description  1.8V/3V SIM Card Power Supply With Level Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS4555 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS4555 Datasheet HTML 5Page - Texas Instruments TXS4555 Datasheet HTML 6Page - Texas Instruments TXS4555 Datasheet HTML 7Page - Texas Instruments TXS4555 Datasheet HTML 8Page - Texas Instruments TXS4555 Datasheet HTML 9Page - Texas Instruments TXS4555 Datasheet HTML 10Page - Texas Instruments TXS4555 Datasheet HTML 11Page - Texas Instruments TXS4555 Datasheet HTML 12Page - Texas Instruments TXS4555 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
0.1
F
m
1
F
m
1
F
m
V
CC
VSIM
VBAT
GND
TXS4555
TXS4555
www.ti.com
SBOS550A
– FEBRUARY 2011 – REVISED MARCH 2011
APPLICATION INFORMATION
The LDO
’s included on the TXS4555 achieve ultra-wide bandwidth and high loop gain, resulting in extremely
high PSRR at very low headroom (VBAT – VSIM). The TXS4555 provides fixed regulation at 1.8V or 2.95V. Low
noise, enable, low ground pin current make it ideal for portable applications. The device offers sub-bandgap
output voltages, current limit and thermal protection, and is fully specified from
–40°C to 125°C.
Figure 9. Typical Application Circuit for TXS4555
INPUT AND OUTPUT CAPACITOR REQUIREMENTS
It is good analog design practice to connect a 1.0
µF low equivalent series resistance (ESR) capacitor across the
input supply (VBAT) near the regulator. Also, a 0.1
µF is required for the logic core supply (VDDIO).
This capacitor will counteract reactive input sources and improve transient response, noise rejection, and ripple
rejection. A higher-value capacitor may be necessary if large, fast rise-time load transients are anticipated or if
the device is located several inches from the power source. The LDO
’s are designed to be stable with standard
ceramic capacitors of values 1.0
µF or larger. X5R- and X7R-type capacitors are best because they have
minimal variation in value and ESR over temperature. Maximum ESR should be
< 1.0 Ω.
OUTPUT NOISE
In most LDO
’s, the bandgap is the dominant noise source. To improve ac performance such as PSRR, output
noise, and transient response, it is recommended that the board be designed with separate ground planes for VIN
and VOUT, with each ground plane connected only at the GND pin of the device. In addition, the ground
connection for the bypass capacitor should connect directly to the GND pin of the device.
INTERNAL CURRENT LIMIT
The TXS4555 internal current limit helps protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. For reliable operation, the
device should not be operated in a current limit state for extended periods of time.
The PMOS pass element in the TXS4555 has a built-in body diode that conducts current when the voltage at
VSIM exceeds the voltage at VBAT. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting may be appropriate.
DROPOUT VOLTAGE
The TXS4555 uses a PMOS pass transistor to achieve low dropout. When (VBAT – VSIM) is less than the dropout
voltage (VDO), the PMOS pass device is in its linear region of operation and the input-to-output resistance is the
RDS(ON) of the PMOS pass element. VDO will approximately scale with output current because the PMOS device
behaves like a resistor in dropout.
STARTUP
The TXS4555 uses a quick-start circuit which allows the combination of very low output noise and fast start-up
times.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS4555


Similar Part No. - TXS4555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555RGTR TI-TXS4555RGTR Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555RUTR TI-TXS4555RUTR Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
More results

Similar Description - TXS4555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com