Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS4555RUTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TXS4555RUTR
Description  1.8V/3V SIM Card Power Supply With Level Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS4555RUTR Datasheet(HTML) 4 Page - Texas Instruments

  TXS4555RUTR Datasheet HTML 1Page - Texas Instruments TXS4555RUTR Datasheet HTML 2Page - Texas Instruments TXS4555RUTR Datasheet HTML 3Page - Texas Instruments TXS4555RUTR Datasheet HTML 4Page - Texas Instruments TXS4555RUTR Datasheet HTML 5Page - Texas Instruments TXS4555RUTR Datasheet HTML 6Page - Texas Instruments TXS4555RUTR Datasheet HTML 7Page - Texas Instruments TXS4555RUTR Datasheet HTML 8Page - Texas Instruments TXS4555RUTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EN
Active Data
SIM_RST
SIM_CLK
SIM_I/O
VSIM
TXS4555
SBOS550A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
Figure 4. Shutdown Sequence for SIM_RST, SIM_CLK, SIM_IO and VSIM
The shutdown sequence for the SIM signals is based on the ISO 7816-3 specification. The shutdown sequence
of these signals helps to properly disable these channels and not have any corruption of data accidently. Also,
this is also helpful when the SIM card is present in a hot swap slot and when pulling out the SIM card, the orderly
shutdown of these signals help avoid any improper write/corruption of data.
When EN is taken low, the shutdown sequence happens by powering of the SIM_RST channel. Once that is
achieved, SIM_CLK, SIM_I/O and VSIM are powered sequentially one by one. There is an internal 2K pull-down
value on the SIM pins and helps to pull these channels low. The shutdown time sequence is in the order of a few
microseconds. It is important that EN is taken low before VBAT and VCC supplies go low so that the shutdown
sequence can be initiated properly.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TXS4555


Similar Part No. - TXS4555RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555RUTR TI-TXS4555RUTR Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
More results

Similar Description - TXS4555RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com