Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-513TGC Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-513TGC
Description  5mm Round LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-513TGC Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-513TGC_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-513TGC
Diff No.
5 mm
Round
Type : LED Lamps
2009/2/25
3
Reliability test items and conditions︰
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size Ac/Re
1
Solder Heat
TEMP︰260℃ ± 5℃
5 SEC
76 PCS
0/1
2
Temperature Cycle
H︰+85℃ 30min
∫ 5min
L︰-55℃ 30min
50 CYCLES
76 PCS
0/1
3
Thermal Shock
H︰+100℃ 5min
∫ 10set
L︰-10℃ 5min
50 CYCLES
76 PCS
0/1
4
High Temperature
Storage
TEMP︰100℃
1000 HRS
76 PCS
0/1
5 Low Temperature Storage
TEMP︰-55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
TEMP︰25℃
IF=20mA
1000 HRS
76 PCS
0/1
7
High Temperature /
High Humidity
85℃ / 85%RH
1000 HRS
76 PCS
0/1


Similar Part No. - AL-513TGC_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513TGC-A A-BRIGHT-AL-513TGC-A Datasheet
310Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513TGC-A A-BRIGHT-AL-513TGC-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
More results

Similar Description - AL-513TGC_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513SGC-A A-BRIGHT-AL-513SGC-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513TRC A-BRIGHT-AL-513TRC_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513OR6C-A A-BRIGHT-AL-513OR6C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513BG1C A-BRIGHT-AL-513BG1C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513BG4C-A A-BRIGHT-AL-513BG4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513CUVC-A A-BRIGHT-AL-513CUVC-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513IR-830-20C A-BRIGHT-AL-513IR-830-20C Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/10/2
AL-513IR-850-25B A-BRIGHT-AL-513IR-850-25B Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/12/15
AL-513IR-850-30B A-BRIGHT-AL-513IR-850-30B Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/12/15
AL-513IR-850-35B A-BRIGHT-AL-513IR-850-35B Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/12/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com