Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-513W3C Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-513W3C
Description  5 mm Round LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-513W3C Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-513W3C_06 Datasheet HTML 1Page - A-BRIGHT Inc AL-513W3C_06 Datasheet HTML 2Page - A-BRIGHT Inc AL-513W3C_06 Datasheet HTML 3Page - A-BRIGHT Inc AL-513W3C_06 Datasheet HTML 4Page - A-BRIGHT Inc AL-513W3C_06 Datasheet HTML 5Page - A-BRIGHT Inc AL-513W3C_06 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-513W3C
Diff No.
5mm
Round
Type : LED Lamps
2006/9/27
1
Notes:
1. All dimensions are in millimeter.
2.An epoxy meniscus may extend about.
1. 5mm(0.059”) down to the lead
3.Tolerances unless Dimension ±0.25mm
Package Dimension︰
Features︰
Descriptions︰
Applications︰
Choice of various
viewing angles.
Available on Tape
and Reel.
Reliable and
robust.
The series is
specially designed
for application
requiring higher
brightness.
The LED lamps
are available with
different color,
intensities, epoxy
colors etc.
TV set
Monitor
Telephone


Similar Part No. - AL-513W3C_06

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513W3C-A A-BRIGHT-AL-513W3C-A Datasheet
318Kb / 6P
   5 mm Round LED Lamps
2006/9/16
AL-513W3C-A A-BRIGHT-AL-513W3C-A_06 Datasheet
323Kb / 6P
   5 mm Round LED Lamps
2006/9/27
More results

Similar Description - AL-513W3C_06

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513UG3C A-BRIGHT-AL-513UG3C_06 Datasheet
316Kb / 5P
   5 mm Round LED Lamps
2006/9/25
AL-513UO5C A-BRIGHT-AL-513UO5C Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513W1C A-BRIGHT-AL-513W1C Datasheet
318Kb / 6P
   5 mm Round LED Lamps
2006/9/16
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513UY2C A-BRIGHT-AL-513UY2C Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-519EGW-C A-BRIGHT-AL-519EGW-C Datasheet
315Kb / 5P
   5 mm Round LED Lamps
2006/9/20
AL-513B2C A-BRIGHT-AL-513B2C_06 Datasheet
316Kb / 5P
   5 mm Round LED Lamps
2006/9/25
AL-513BG3C A-BRIGHT-AL-513BG3C_06 Datasheet
316Kb / 5P
   5 mm Round LED Lamps
2006/9/25
AL-513UOC A-BRIGHT-AL-513UOC Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513W2C A-BRIGHT-AL-513W2C Datasheet
319Kb / 6P
   5 mm Round LED Lamps
2006/9/16
AL-517EGW A-BRIGHT-AL-517EGW Datasheet
291Kb / 5P
   5 mm Round LED Lamps
2006/9/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com