Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HKB36A Datasheet(PDF) 5 Page - A-BRIGHT Inc

Part # AL-HKB36A
Description  0603 Package Yellow SMD Chip LED Lamps (0.6mm Height)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HKB36A Datasheet(HTML) 5 Page - A-BRIGHT Inc

  AL-HKB36A_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-HKB36A_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-HKB36A_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-HKB36A_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-HKB36A_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HKB36A


Similar Part No. - AL-HKB36A_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HKB36A A-BRIGHT-AL-HKB36A Datasheet
339Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.6mm Height)
2006/10/11
More results

Similar Description - AL-HKB36A_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HB436A A-BRIGHT-AL-HB436A_09 Datasheet
207Kb / 5P
   0603 Package Blue SMD Chip LED Lamps (0.6mm Height)
AL-HW436A A-BRIGHT-AL-HW436A_09 Datasheet
207Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.6mm Height)
AL-HUB36A A-BRIGHT-AL-HUB36A_09 Datasheet
207Kb / 5P
   0603 Package Red SMD Chip LED Lamps (0.6mm Height)
AL-HW436A A-BRIGHT-AL-HW436A Datasheet
339Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.6mm Height)
2006/10/18
AL-HG636A A-BRIGHT-AL-HG636A_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.6mm Height)
AL-HG436A A-BRIGHT-AL-HG436A Datasheet
338Kb / 5P
   0603 Package Bluish Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HB436A A-BRIGHT-AL-HB436A Datasheet
338Kb / 5P
   0603 Package Super Blue SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HKB36D A-BRIGHT-AL-HKB36D_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.8mm Height)
AL-HKB36A A-BRIGHT-AL-HKB36A Datasheet
339Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.6mm Height)
2006/10/11
logo
Everlight Electronics C...
19-213-G6C-AP1Q2-3T EVERLIGHT-19-213-G6C-AP1Q2-3T Datasheet
205Kb / 10P
   0603 Package Chip LED(0.6mm Height)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com