Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-V4K3W3W-S Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-V4K3W3W-S
Description  3.7x5.2mm Oval LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-V4K3W3W-S Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-V4K3W3W-S Datasheet HTML 1Page - A-BRIGHT Inc AL-V4K3W3W-S Datasheet HTML 2Page - A-BRIGHT Inc AL-V4K3W3W-S Datasheet HTML 3Page - A-BRIGHT Inc AL-V4K3W3W-S Datasheet HTML 4Page - A-BRIGHT Inc AL-V4K3W3W-S Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-V4K3W3W-S
Diff No.
3.7x5.2
mm
Oval
Type : LED Lamps
2009/3/3
3
Reliability test items and conditions︰
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size Ac/Re
1
Solder Heat
TEMP︰260℃ ±5℃
5 SEC
76 PCS
0/1
2
Temperature Cycle
H︰+85℃ 30min
∫ 5min
L︰-55℃ 30min
50 CYCLES
76 PCS
0/1
3
Thermal Shock
H︰+100℃ 5min
∫ 10set
L︰-10℃ 5min
50 CYCLES
76 PCS
0/1
4
High Temperature
Storage
TEMP︰100℃
1000 HRS
76 PCS
0/1
5 Low Temperature Storage
TEMP︰-55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
TEMP︰25℃
IF=20mA
1000 HRS
76 PCS
0/1
7
High Temperature /
High Humidity
85℃ / 85%RH
1000 HRS
76 PCS
0/1


Similar Part No. - AL-V4K3W3W-S

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-V4K3ART A-BRIGHT-AL-V4K3ART Datasheet
311Kb / 5P
   3.7x5.2mm Oval LED Lamps
2006/9/20
AL-V4K3B4D-S A-BRIGHT-AL-V4K3B4D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/10
AL-V4K3OR3D-S A-BRIGHT-AL-V4K3OR3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/2/25
AL-V4K3UG3D-S A-BRIGHT-AL-V4K3UG3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/3
AL-V4K3UY3D-S A-BRIGHT-AL-V4K3UY3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/2/25
More results

Similar Description - AL-V4K3W3W-S

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-V4K3UY3D-S A-BRIGHT-AL-V4K3UY3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/2/25
AL-V4K3UG3D-S A-BRIGHT-AL-V4K3UG3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/3
AL-V4K3B4D-S A-BRIGHT-AL-V4K3B4D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/10
AL-V4K3OR3D-S A-BRIGHT-AL-V4K3OR3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/2/25
AL-V4K3ART A-BRIGHT-AL-V4K3ART Datasheet
311Kb / 5P
   3.7x5.2mm Oval LED Lamps
2006/9/20
logo
LIGITEK electronics co....
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43743 LIGITEK-LDBK43743 Datasheet
112Kb / 6P
   OVAL TYPE LED LAMPS
logo
A-BRIGHT Inc
AL-V7K3B4D-S A-BRIGHT-AL-V7K3B4D-S Datasheet
248Kb / 5P
   4.6x5.2mm Oval LED Lamps
2009/3/10
AL-V7K3W3W-S A-BRIGHT-AL-V7K3W3W-S Datasheet
248Kb / 5P
   4.6x5.2mm Oval LED Lamps
2009/3/3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com