Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL100MN1MP1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL100MN1MP1
Description  Surface Mount Type, High Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN1MP1 Datasheet(HTML) 2 Page - Sharp Corporation

  GL100MN1MP1 Datasheet HTML 1Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 2Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Sheet No.: D1-A00701EN
2
GL100MN1MPx
■ External Dimensions
3.0
2.2
3.0
3.0
1.5
1.5
1.1
1.1
1.1
1.1
1.5
R0.8
(0.57)
(1.0)
(1.0)
(0.57)
NOTES:
1. Unit: mm
2. Unspecified tolerance :
±0.2 mm
3. ( ) : Reference dimensions
4.
Au-plated area
5. Do not allow circuit runs in
area
(Lens center)
Viewed from PCB
(Side view Mounting)
Viewed from PCB
(Top view Mounting)
1
1
1
2
2
2
Anode
Cathode
No.
Name
Pin Arrangement


Similar Part No. - GL100MN1MP1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL100MN0MP SHARP-GL100MN0MP Datasheet
969Kb / 11P
   Surface Mount Type, Infrared Emitting Diode
GL100MN0MP1 SHARP-GL100MN0MP1 Datasheet
969Kb / 11P
   Surface Mount Type, Infrared Emitting Diode
GL100MN3MP SHARP-GL100MN3MP Datasheet
558Kb / 10P
   Surface Mount Type, High Power
GL100MN3MP1 SHARP-GL100MN3MP1 Datasheet
558Kb / 10P
   Surface Mount Type, High Power
More results

Similar Description - GL100MN1MP1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL100MN3MP SHARP-GL100MN3MP Datasheet
558Kb / 10P
   Surface Mount Type, High Power
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
   Compact type power surface mount package
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com