Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV5IC1810N Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MHV5IC1810N
Description  RF LDMOS Wideband Integrated Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHV5IC1810N Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MHV5IC1810N_11 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc MHV5IC1810N_11 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
RF Device Data
Freescale Semiconductor
MHV5IC1810NR2
TYPICAL CHARACTERISTICS — 1930--1990 MHz
2000
27
35
1900
--50
--10
IRL
Gps
IMD
f, FREQUENCY (MHz)
VDD =28 Vdc,Pout =5 W(Avg.)
IDQ1 = 120 mA, IDQ2 =90 mA
100 kHz Tone Spacing
34
--15
33
--20
32
--25
31
--30
30
--35
29
--40
28
--45
1920
1940
1960
Figure 5. Two--Tone Wideband Performance
@Pout = 5 Watts (Avg.)
PAE
1980
2000
0
35
1900
--70
0
IRL
Gps
IMD
f, FREQUENCY (MHz)
VDD =28 Vdc,Pout =20 dBm (Avg.)
IDQ1 = 120 mA, IDQ2 =90 mA
100 kHz Tone Spacing
--10
30
--20
25
--30
20
15
--50
10
--60
1920
1940
1960
Figure 6. Two--Tone Wideband Performance
@Pout =20 dBm (Avg.)
PAE
1980
Pout, OUTPUT POWER (WATTS) PEP
25
32
1
IDQ1 = 120 mA
IDQ2 = 140 mA
VDD =28 Vdc
Center Frequency = 1960 MHz
100 kHz Tone Spacing
30
28
27
10
100
Figure 7. Two--Tone Power Gain versus
Output Power
100
--80
--10
0.1
7th Order
VDD =28 Vdc
IDQ1 = 120 mA, IDQ2 =90 mA
f = 1960 MHz, 100 kHz Tone Spacing
5th Order
3rd Order
110
--20
--30
--40
--50
--60
--70
Pout, OUTPUT POWER (WATTS) PEP
Figure 8. Intermodulation Distortion Products
versus Output Power
5
--40
31
29
26
IDQ1 = 120 mA
IDQ2 =115 mA
IDQ1 = 120 mA
IDQ2 =65 mA
IDQ1 =60 mA
IDQ2 =90 mA
IDQ1 = 120 mA
IDQ2 =90 mA
IDQ1 = 120 mA
IDQ2 =45 mA


Similar Part No. - MHV5IC1810N_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC1810NR2 FREESCALE-MHV5IC1810NR2 Datasheet
411Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC1810NR2 NXP-MHV5IC1810NR2 Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
More results

Similar Description - MHV5IC1810N_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com