Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2551ABTS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2551ABTS
Description  USB Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551ABTS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2551ABTS Datasheet HTML 2Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 3Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 4Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 5Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 6Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 7Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 8Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 9Page - Micrel Semiconductor MIC2551ABTS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC2551A
Micrel, Inc.
M9999-112008
6
November 2008
Timing Diagrams
tPVZ
OE#
VP/VM
D+/D–
TRANSMIT
RECEIVE
tPZD
tPDZ
tPZV
Figure 1. Enable and Disable Times
tR
Rise Time
Fall Time
Differential
Data Lines
10%
90%
10%
90%
tF
Figure 2. Rise and Fall Times
tPLH
VCRS
VSS
VOL
VOH
D–
D+
VCRS
Differential
Data Lines
tPHL
Figure 3. Receiver Propagation Delay
tPLH
VCRS
VOL
VOH
D–
D+
VCRS
Differential
Data Lines
tPHL
Figure 4. Driver Propagation Delay
Test Circuits
D.U.T.
25pF
Figure 5. Load for V
P, VM, RCV
D.U.T.
CL
15k
20Ω
VTRM
15k
Figure 6. Load for D+, D–


Similar Part No. - MIC2551ABTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2551ABTS MICREL-MIC2551ABTS Datasheet
79Kb / 11P
   USB TRANSCEIVER
More results

Similar Description - MIC2551ABTS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
   USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
   USB TRANSCEIVER
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
   USB Transceiver
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
   USB Transceiver
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
   USB Transceiver
STUSB03E STMICROELECTRONICS-STUSB03E Datasheet
470Kb / 20P
   USB Transceiver
logo
Micrel Semiconductor
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
   USB Transceiver
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com