Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA20312B Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA20312B
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA20312B Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA20312B Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MMA20312BT1
7
RF Device Data
Freescale Semiconductor
Z4
0.080″ x 0.030″ Microstrip
Z5
0.155″ x 0.010″ Microstrip
Z6
0.045″ x 0.010″ Microstrip
Z1
0.218″ x 0.030″ Microstrip
Z2
0.068″ x 0.030″ Microstrip
Z3
0.250″ x 0.030″ Microstrip
RF
INPUT
Figure 11. MMA20312BT1 Test Circuit Schematic -- W--CDMA
VCC1
BIAS
CIRCUIT
C1
C2
Z1
L1
C5
R1
C6
R2
C7
C8
VCTRL
Z4
Z5
C17
C18
C19
Z2
C3
Z3
C4
RF
OUTPUT
Z6
C16
C13
VCC2
1
2
3
12
11
10
9
8
7
4
5
6
+
C9
Note: Component numbers C10, C11, C12, C14, and C15 are not used.
Table 8. MMA20312BT1 Test Circuit Component Designations and Values -- W--CDMA
Part
Description
Part Number
Manufacturer
C1, C5, C9
22 pF Chip Capacitors
06033J220GBS
AVX
C2, C3
1.8 pF Chip Capacitors
06035J1R8BBS
AVX
C4
5.6 pF Chip Capacitor
06035J5R6BBS
AVX
C6, C7, C13
10 pF Chip Capacitors
06035J100GBS
AVX
C8, C18
1 μF Chip Capacitors
GRM188R61A105KA61
Murata
C16, C19
10 μF Chip Capacitors
GRM188R60J106ME47
Murata
C17
0.1 μF Chip Capacitor
GRM188R71H104KA93
Murata
L1
1.8 nH Chip Inductor
LL1608--FS1N8S
TOKO
R1
120 Ω Chip Resistor
RR0816Q--121--D
Susumu
R2
1500 Ω Chip Resistor
RR0816Q--152−D
Susumu
PCB
0.014″, εr =3.7
FR408
ISOLA


Similar Part No. - MMA20312B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA20312B FREESCALE-MMA20312B Datasheet
787Kb / 15P
   Heterojunction Bipolar Transistor Technology
logo
NXP Semiconductors
MMA20312B NXP-MMA20312B Datasheet
678Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MMA20312BT1 FREESCALE-MMA20312BT1 Datasheet
797Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMA20312BT1 NXP-MMA20312BT1 Datasheet
678Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MMA20312BV FREESCALE-MMA20312BV Datasheet
1Mb / 18P
   Heterojunction Bipolar Transistor Technology
More results

Similar Description - MMA20312B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com