Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8306EC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8306EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306EC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8306EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
MPC8306 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
2
Freescale Semiconductor
Overview
1
Overview
The MPC8306 incorporates the e300c3 (MPC603e-based) core built on Power Architecture® technology,
which includes 16 Kbytes of each L1 instruction and data caches, dual integer units, and on-chip memory
management units (MMUs). The MPC8306 also includes two DMA engines and a 16-bit DDR2 memory
controller.
A new communications complex based on QUICC Engine technology forms the heart of the networking
capability of the MPC8306. The QUICC Engine block contains several peripheral controllers and a 32-bit
RISC controller. Protocol support is provided by the main workhorses of the device — the unified
communication controllers (UCCs). A block diagram of the MPC8306 is shown in Figure 1.
Figure 1. MPC8306 Block Diagram
Each of the five UCCs can support a variety of communication protocols such as 10/100 Mbps
EthernetIEEE-1588, and HDLC.
1 RMII/MII
2x TDM Ports
16-KB
D-Cache
16-KB
I-Cache
e300c3 Core with Power
2x DUART
Interrupt
I2C
Timers
GPIO
DDR2
Controller
Controller
Baud Rate
Generators
Accelerators
Single 32-bit RISC CP Serial DMA
Serial Interface
QUICC Engine™ Block
Time Slot Assigner
16 KB Multi-User RAM
FPU
Management
SPI
RTC
Bus Controller
2x HDLC
2 RMII/MII
2x IEEE 1588
USB 2.0 HS
Host/Device/OTG
ULPI
DMA
4 FlexCAN
eSDHC
48 KB Instruction RAM
Engine
Enhanced Local


Similar Part No. - MPC8306EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8306 FREESCALE-MPC8306 Datasheet
374Kb / 2P
   PowerQUICC II Pro Processors
MPC8306 FREESCALE-MPC8306 Datasheet
311Kb / 2P
   PowerQUICC II Pro Processor
MPC8306S FREESCALE-MPC8306S Datasheet
374Kb / 2P
   PowerQUICC II Pro Processors
MPC8306S FREESCALE-MPC8306S Datasheet
311Kb / 2P
   PowerQUICC II Pro Processor
MPC8306S FREESCALE-MPC8306S Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results

Similar Description - MPC8306EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
   MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com