Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1FMV31RK0F Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1FMV31RK0F
Description  Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FMV31RK0F Datasheet(HTML) 2 Page - Sharp Corporation

  GP1FMV31RK0F Datasheet HTML 1Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 2Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 3Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 4Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 5Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 6Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 7Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 8Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GP1FMV31RK0F
Outline Dimensions
(Unit: mm)
Sheet No.: E2-A00901EN
(Lead root)
(Lead root)
Internal equivalent circuit
Pin arrangement
Unspecified tolerance ± 0.1
Example of mounting drawing form solder side.
PCB thickness t = 1.6 mm
Production year
(Last digit of production year)
Production month
Model Number
Jan to Sep: 1 - 9
10 Oct: X
11 Nov: Y
12 Dec: Z
3R
1
[2]Portion marking
Symbol
Description
Material
A
Holder
PBT (Color : Black)
B
Shutter
PBT (Color : Black)
C
Fixing pin
SPCC (Lead free plating)
D
Lead pin
Cu Alloy (SnCu plating)
1) The connector joint area complies with the square connector JEITA RC-5720B
2) [1] portion : “S” mark, [2] portion : Model No. and date code shall be indicated.
3) Unspecified tolerance shall be ± 0.3.
4) Since there are other products which has a different fixing pin shape,
please make sure to confirm reference mounting drawing for this device.
5) Dimensions in parenthesis are shown for reference.
[1]
[2]
Vout
Vcc
GND
*1 OPIC is a registered trade mark of Sharp (Material : Silicon)
AMP
AMP
AMP
*1 OPIC light detector
Comp & output circuit
AMP
Product mass : approx. 2 g
2


Similar Part No. - GP1FMV31RK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FMV31TK0F SHARP-GP1FMV31TK0F Datasheet
331Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
More results

Similar Description - GP1FMV31RK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FMV51RK0F SHARP-GP1FMV51RK0F Datasheet
343Kb / 9P
   Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
GP1FMV31TK0F SHARP-GP1FMV31TK0F Datasheet
331Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FMV51TK0F SHARP-GP1FMV51TK0F Datasheet
329Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FAV31RK0F SHARP-GP1FAV31RK0F Datasheet
329Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV51RK0F SHARP-GP1FAV51RK0F Datasheet
349Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV31TK0F SHARP-GP1FAV31TK0F Datasheet
338Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV55TK0F SHARP-GP1FAV55TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV51TK0F SHARP-GP1FAV51TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV50RK0F SHARP-GP1FAV50RK0F Datasheet
347Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
GP1FAV30RK0F SHARP-GP1FAV30RK0F Datasheet
328Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com