Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1FMV51RK0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1FMV51RK0F
Description  Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FMV51RK0F Datasheet(HTML) 6 Page - Sharp Corporation

  GP1FMV51RK0F Datasheet HTML 1Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 2Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 3Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 4Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 5Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 6Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 7Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 8Page - Sharp Corporation GP1FMV51RK0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GP1FMV51RK0F
Fig. 4 Pulse Response and Jitter
Fig. 5 Input Signal (6.6 Mb/s Bi-phase PRBS Signal)
Sheet No.: E2-A01001EN
Fiber optic cable
VCC
Rsi
GND
GP1FMV51RK0F Device under test
Oscilloscope (bandwidth : 1 GHz)
Trigger ; CH1
Mode ; Storage mode
Sweep ; AUTO/NORM
CH2
CH1
Standard transmitter
VCC
Vout
Rso
Vin
VCC
GND
5V
Input
Input signal
6.6 Mb/s bi-phase PRBS signal
Input signal
GP1FMV51RK0F output
50%
50%
Δtj
Δtj
Notes
(1) The fiber coupling light output set at –14.5 dBm or –24.0 dBm.
(2) Rsi, Rso: Standard load resistor (Rsi: 3.3 kΩ, Rso: 2.2 kΩ)
(3) Set the oscilloscope to the storage mode and write time to 3 seconds.
Do not allow the brightness to be increased too much. The waveform would be distorted.
(4) VCC = 5.0 V (State of operating)
(5) The probe for the oscilloscope must be more than 1 MΩ and less than 10 pF.
6


Similar Part No. - GP1FMV51RK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FMV51TK0F SHARP-GP1FMV51TK0F Datasheet
329Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
More results

Similar Description - GP1FMV51RK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FMV31RK0F SHARP-GP1FMV31RK0F Datasheet
323Kb / 9P
   Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
GP1FMV31TK0F SHARP-GP1FMV31TK0F Datasheet
331Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FMV51TK0F SHARP-GP1FMV51TK0F Datasheet
329Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FAV31RK0F SHARP-GP1FAV31RK0F Datasheet
329Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV51RK0F SHARP-GP1FAV51RK0F Datasheet
349Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV31TK0F SHARP-GP1FAV31TK0F Datasheet
338Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV55TK0F SHARP-GP1FAV55TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV51TK0F SHARP-GP1FAV51TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV50RK0F SHARP-GP1FAV50RK0F Datasheet
347Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
GP1FAV30RK0F SHARP-GP1FAV30RK0F Datasheet
328Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com