Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W3120YP0F Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP2W3120YP0F
Description  IrDA Compliant Transceiver Module 9.6 kb/s to 4 Mb/s (FIR) Low Profile Low Consumption Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W3120YP0F Datasheet(HTML) 8 Page - Sharp Corporation

Back Button GP2W3120YP0F Datasheet HTML 4Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 5Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 6Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 7Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 8Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 9Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 10Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 11Page - Sharp Corporation GP2W3120YP0F Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Fig.2 Output Waveform Specification(Receiver side)
tf
tw
tr
90%
50%
10%
VOH
VOL
Transmitter
*
L
φ
φ
Ee : Light detector face illuminance<10 lx
φ : Indicates horizontal and vertical directions.
GP2W3120YP0F
Oscilloscope
T1
Radiant
intensity
T2
Fig.3
Standard Optical System(Receiver side)
GP2W3120YP0F
* Transmitter shall use the standard transmitter (λp = 890 nm TYP.)
which is adjusted the radiation intensity at 3.6 mW/sr (at 9.6 to 115.2 kb/s),
9 mW/sr (at 4 Mb/s).
Data rate
T1
T2
T2/T1 Radiant intensity
9.6kb/s
103μs19.5μs
3/16
3.6mW/sr
115.2kb/s 8.68μs1.63μs3/16
40mW/sr
4Mb/s
500ns
125ns
1/4
9mW/sr
4Mb/s
500ns
250ns
1/2
9mW/sr
Sheet No.: E3-A00802EN
8


Similar Part No. - GP2W3120YP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001 SHARP-GP2W0001 Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
GP2W0001 SHARP-GP2W0001 Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
GP2W0001YP SHARP-GP2W0001YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
More results

Similar Description - GP2W3120YP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W1001YP0F SHARP-GP2W1001YP0F Datasheet
314Kb / 14P
   IrDA Compliant Transceiver Module 9.6 kb/s to 4 Mb/s (FIR) Low Profile Low Consumption Current
logo
Agilent(Hewlett-Packard...
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
Rev. 1.3, 21-Feb-07
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBS6712 VISHAY-TFBS6712 Datasheet
217Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications with Low voltage Logic (1.8 V)
Rev. 1.2, 21-Feb-07
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com