Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y0AH01K0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2Y0AH01K0F
Description  High-precision Displacement Sensor Unit Measuring distance: 4.5 to 6.0 mm Analog output type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0AH01K0F Datasheet(HTML) 4 Page - Sharp Corporation

  GP2Y0AH01K0F Datasheet HTML 1Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 2Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 3Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 4Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 5Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 6Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 7Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 8Page - Sharp Corporation GP2Y0AH01K0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig. 1 Timing chart
GP2Y0AH01K0F
Vcc(Power supply)
nth
output
nth
measurement
Second
measurement
First measurement
Second output
First output
Unstable output
MAX 5.0ms
38.3ms±9.6ms
Distance measuring operating
Vo(Output)
Sheet No.: E4-A00402EN
4


Similar Part No. - GP2Y0AH01K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
GP2Y0A02YK SHARP-GP2Y0A02YK Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK SHARP-GP2Y0A21YK Datasheet
71Kb / 4P
   General Purpose Type Distance Measuring Sensors
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
More results

Similar Description - GP2Y0AH01K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
   Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
GP2Y0D340K SHARP-GP2Y0D340K_06 Datasheet
614Kb / 9P
   Distance Measuring Sensor Unit Digital output (400 mm) type
GP2Y0D810Z0F SHARP-GP2Y0D810Z0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Digital output (100 mm) type
GP2Y0D310K SHARP-GP2Y0D310K Datasheet
611Kb / 9P
   Distance Measuring Sensor Unit Digital output (100 mm) type
GP2Y0D805Z0F SHARP-GP2Y0D805Z0F Datasheet
375Kb / 9P
   Distance Measuring Sensor Unit Digital output (50 mm) type
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
GP2Y3A003K0F SHARP-GP2Y3A003K0F_06 Datasheet
433Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 40 to 300 cm 5 Analog outputs type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com