Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-E523RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-E523RD
Description  0.54"(13.80mm) DUAL DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E523RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-E523RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E523RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E523RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
    
  
 
 

      !  
"#$ 
%&'
()*+,-.#/&,
#-&01
+.2-3**'-&2#+
#-#-
4
&--.5
*+*3
.#6
7#8.
.01-%
0

0
5
7
4

.#6
4 9' #/
89'
25
,34#2.
*+*3
.1.0-
*+*3
.++*:








+#26
7%&-.
;#$ 
.8.3). *+-#1. <<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<< 
.8.3). ,33.0- $ <<<<<<<<<<<<<<<<<<<<<<<<<<<<<<< =
'.3#-&01 .'.3#-,3. #01. <<<<<<<<<<<<<<<<<<<<<<<<<<   
-*3#1. .'.3#-,3. #01. <<<<<<<<<<<<<<<<<<<<<<<<<<<   
.#5 *+5.3&01 .'.3#-,3. !>  ?3* *59<<<<<<<<<<<<<<<<<< > ?*3  .2*05)


Similar Part No. - BD-E523RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-E523RD ETC1-BD-E523RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com