Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-F406RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-F406RD
Description  0.40"(10.16mm) DUAL DIGIT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F406RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BD-F406RD_2 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F406RD_2 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F406RD_2 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - BD-F406RD_2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-F406RD ETC-BD-F406RD Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
BRIGHT LED ELECTRONICS ...
BD-F406RD BRIGHT-BD-F406RD Datasheet
188Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com