Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-F406RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-F406RD
Description  0.40"(10.16mm) DUAL DIGIT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F406RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BD-F406RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F406RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F406RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image









 
 
 

 
  !
 ""#
$    %
 &'  & (#)
(*  
 (+', -'+. '/
0
12' 
12' 13
2
   #%
$    %
(!
1(4545
 ( -'6 '
0
12' 
2
 ""#"
$    %
12' ("
 (+', -'+. '/
0
7

& 
2
$  %
& ( #
 (+', -'+. '/
0
 32    
 
 ""#
$    )-
# 8  8 " 8 
#  # 
 (3
0
' '9
   
 
 ""#
" 8 #
 
 (3
0
 
    )
  #
$    )
:( !
& (:
0
7;

<3
    "
   !
 ""# #
$    )
:( #
& (:
0
$*=7>  7) ? ?)*7 ? 17 7)% @
2 
3<
2 
$2   
?& ;2
A?
?()
; *B:
; 

A(A
; *B
 3
A
?()
%& B:
> :*  '     ':    ;:
: ' < 9 <& '   '   '; < 
  <     ' :


Similar Part No. - BD-F406RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-F406RD ETC-BD-F406RD Datasheet
195Kb / 2P
   DUAL DIGIT LED DISPLAYS
logo
BRIGHT LED ELECTRONICS ...
BD-F406RD BRIGHT-BD-F406RD Datasheet
188Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com