Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309EC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8309EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8309EC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8309EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8309EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Freescale Semiconductor
Technical Data
© 2011 Freescale Semiconductor, Inc. All rights reserved.
This document provides an overview of the MPC8309
PowerQUICC II Pro processor features. The MPC8309 is a
cost-effective, highly integrated communications processor
that addresses the requirements of several networking
applications, including residential gateways,
modem/routers, industrial control, and test and measurement
applications. The MPC8309 extends current PowerQUICC
offerings, adding higher CPU performance, additional
functionality, and faster interfaces, while addressing the
requirements related to time-to-market, price, power
consumption, and board real estate. This document describes
the electrical characteristics of MPC8309.
To locate published errata or updates for this document, refer
to the MPC8309 product summary page on our website
listed on the back cover of this document or contact your
local Freescale sales office.
Document Number: MPC8309EC
Rev. 0, 03/2011
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 7
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 11
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 14
6. DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
8. Ethernet and MII Management . . . . . . . . . . . . . . . . . 23
9. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
10. HDLC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
11. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
12. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
13. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
14. eSDHC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
15. FlexCAN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
16. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
17. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
18. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
19. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
20. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
21. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
22. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 53
23. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
24. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
25. System Design Information . . . . . . . . . . . . . . . . . . . 76
26. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 79
27. Document Revision History . . . . . . . . . . . . . . . . . . . 81
MPC8309
PowerQUICC II Pro Integrated
Communications Processor
Family Hardware Specifications


Similar Part No. - MPC8309EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8309 FREESCALE-MPC8309 Datasheet
374Kb / 2P
   PowerQUICC II Pro Processors
MPC8309 FREESCALE-MPC8309 Datasheet
311Kb / 2P
   PowerQUICC II Pro Processor
More results

Similar Description - MPC8309EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
   MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com